Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16009TG+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16009TG+
Description  Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16009TG+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16009TG+ Datasheet HTML 5Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 6Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 7Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 8Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 9Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 10Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 11Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 12Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Low-Voltage, High-Accuracy, Quad Window
Voltage Detectors in Thin QFN
_______________________________________________________________________________________
9
Detailed Description
The MAX16008/MAX16009 are adjustable quad win-
dow voltage detectors in a small thin QFN package.
These devices are designed to provide a higher level of
system reliability by monitoring multiple supply voltages
and providing a fault signal when any of the voltages
exceeds its overvoltage threshold or falls below its
undervoltage threshold.
These devices offer user-adjustable thresholds that
allow voltages to be monitored down to 0.4V. The
devices allow the upper and lower trip thresholds of
each window detector to be set externally with the use
of three external resistors.
Each monitored threshold has an independent open-
drain output for signaling a fault condition. The outputs
can be wire OR’ed together to provide a single fault
output. The open-drain outputs are internally pulled up
with a 30µA current, but can be externally driven to
other voltage levels for interfacing to other logic levels.
Both devices feature a margin input to disable the out-
puts during margin testing or any other time after
power-up operations. The MAX16009 offers a reset out-
put that deasserts after a reset timeout period after all
voltages are within their threshold specification. The
reset timeout is internally set to 140ms (min), but can
be externally adjusted to other reset timeouts using an
external capacitor. In addition, the MAX16009 offers a
manual reset input.
Applications Information
Voltage Monitoring
The MAX16008/MAX16009 feature undervoltage and
overvoltage comparators for window detection (see
Figure 2). UVOUT_/OVOUT_ deassert high when the
monitored voltage is within the “selected window.”
When the monitored voltage falls below the lower limit
of the window (VTRIPLOW), UVOUT_ asserts low; or if
the monitored voltage exceeds the upper limit
(VTRIPHIGH), OVOUT_ asserts low. The application in
Figure 2 shows the MAX16008/MAX16009 enabling the
DC-DC converter when the monitored voltage is in the
selected window.
The resistor values R1, R2, and R3 can be calculated
as shown:
where RTOTAL = R1 + R2 + R3.
Use the following steps to determine the values for R1,
R2, and R3:
1) Choose a value for RTOTAL, the sum of R1, R2, and
R3. Because the MAX16008/MAX16009 have very
low input bias current (2nA typ), RTOTAL can be up
to 2M
Ω. Large-value resistors help minimize power
consumption. Lower-value resistors can be used to
maintain overall accuracy.
VV
R
RR
VV
R
R
TRIPLOW
TH
TOTAL
TRIPHIGH
TH
TOTAL
=
+
⎝⎜
⎠⎟
=
⎝⎜
⎠⎟
23
3
VCC
+5V
IN
GND
UVIN_
OVIN_
EN
OUT
R1
R2
R3
DC-DC
REGULATOR
UVOUT_
OVOUT_
MAX16008/
MAX16009
Figure 2. MAX16008/MAX16009 Monitor Circuit


Similar Part No. - MAX16009TG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16009TG++ MAXIM-MAX16009TG+ Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
More results

Similar Description - MAX16009TG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
logo
Texas Instruments
TPS3779 TI1-TPS3779_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX6714DUB MAXIM-MAX6714DUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
logo
Texas Instruments
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
MAX6709 MAXIM-MAX6709 Datasheet
287Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
logo
STMicroelectronics
STM6710FWB6F STMICROELECTRONICS-STM6710FWB6F Datasheet
315Kb / 21P
   Low voltage, high accuracy, triple/quad voltage microprocessor
logo
Maxim Integrated Produc...
MAX4695 MAXIM-MAX4695 Datasheet
271Kb / 11P
   Low-Voltage, 60ohm Dual SPDT Analog Switch in Thin QFN
Rev 1, 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com