Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16009TG+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16009TG+
Description  Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16009TG+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16009TG+ Datasheet HTML 2Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 3Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 4Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 5Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 6Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 7Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 8Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 9Page - Maxim Integrated Products MAX16009TG+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Low-Voltage, High-Accuracy, Quad Window
Voltage Detectors in Thin QFN
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
1
UVIN3
Undervoltage Threshold Input 3. When the voltage on UVIN3 falls below its threshold, UVOUT3
asserts low.
2
2
OVIN3
Overvoltage Threshold Input 3. When the voltage on OVIN3 rises above its threshold, OVOUT3
asserts low.
3
3
UVIN4
Undervoltage Threshold Input 4. When the voltage on UVIN4 falls below its threshold, UVOUT4
asserts low.
4
4
OVIN4
Overvoltage Threshold Input 4. When the voltage on OVIN4 rises above its threshold, OVOUT4
asserts low.
5
6
GND
Ground
6,
20
7,
24
VCC
Unmonitored Power to the Device
78
UVOUT3
Active-Low Undervoltage Output 3. When the voltage at UVIN3 falls below its threshold, UVOUT3
asserts low and stays asserted until the voltage at UVIN3 exceeds its threshold. The open-drain
output has a 30µA internal pullup to VCC.
89
OVOUT3
Active-Low Overvoltage Output 3. When the voltage at OVIN3 rises above its threshold, OVOUT3
asserts low and stays asserted until the voltage at OVIN3 falls below its threshold. The open-drain
output has a 30µA internal pullup to VCC.
910
UVOUT4
Active-Low Undervoltage Output 4. When the voltage at UVIN4 falls below its threshold, UVOUT4
asserts low and stays asserted until the voltage at UVIN4 exceeds its threshold. The open-drain
output has a 30µA internal pullup to VCC.
10
11
OVOUT4
Active-Low Overvoltage Output 4. When the voltage at OVIN4 rises above its threshold, OVOUT4
asserts low and stays asserted until the voltage at OVIN4 falls below its threshold. The open-drain
output has a 30µA internal pullup to VCC.
11
14
MARGIN
Active-Low Margin Enable Input. Pull MARGIN low to deassert all outputs (go into high state)
regardless of the voltage at any monitored input.
12
15
OVOUT2
Active-Low Overvoltage Output 2. When the voltage at OVIN2 rises above its threshold, OVOUT2
asserts low and stays asserted until the voltage at OVIN2 falls below its threshold. The open-drain
output has a 30µA internal pullup to VCC.


Similar Part No. - MAX16009TG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16009TG++ MAXIM-MAX16009TG+ Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
More results

Similar Description - MAX16009TG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
logo
Texas Instruments
TPS3779 TI1-TPS3779_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX6714DUB MAXIM-MAX6714DUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
logo
Texas Instruments
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
MAX6709 MAXIM-MAX6709 Datasheet
287Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
logo
STMicroelectronics
STM6710FWB6F STMICROELECTRONICS-STM6710FWB6F Datasheet
315Kb / 21P
   Low voltage, high accuracy, triple/quad voltage microprocessor
logo
Maxim Integrated Produc...
MAX4695 MAXIM-MAX4695 Datasheet
271Kb / 11P
   Low-Voltage, 60ohm Dual SPDT Analog Switch in Thin QFN
Rev 1, 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com