Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRF-SW1001-B Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HRF-SW1001-B
Description  SPDT Absorptive RF Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HRF-SW1001-B Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HRF-SW1001-B Datasheet HTML 1Page - Honeywell Solid State Electronics Center HRF-SW1001-B Datasheet HTML 2Page - Honeywell Solid State Electronics Center HRF-SW1001-B Datasheet HTML 3Page - Honeywell Solid State Electronics Center HRF-SW1001-B Datasheet HTML 4Page - Honeywell Solid State Electronics Center HRF-SW1001-B Datasheet HTML 5Page - Honeywell Solid State Electronics Center HRF-SW1001-B Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HRF-SW1001
________________________________________________________________________________________________________
Web Site:
www.mysoiservices.com
Honeywell
Email:
mysoiservices@honeywell.com
Solid State Electronics Center
12001 State Highway 55
2002 1001W
Published June 2002
Page 1
Plymouth, Minnesota 55441-4799
1-800-323-8295
SPDT Absorptive RF Switch
Features
High Isolation Of > 40 dB @ 2 GHz
Low Insertion Loss Of 1.1dB @ 2 GHz
DC To 4GHz Operating Frequency
Integrated CMOS Control Logic
Integrated ESD Protection on Digital I/O
Single Positive Supply Voltage
Ultra Small LPCC
TM Packaging
Impedance matched for 75 Ohm systems
Product Description
The Honeywell HRF-SW1001 is a high performance
single pole double throw (SPDT) absorptive RF switch
that is ideal for use in wireless basestation and handset
applications that require minimum power and minimum
insertion loss.
The HRF-SW1001 is manufactured with Honeywell's
patented Silicon On Insulator (SOI) CMOS technology,
which provides the performance of GaAs with the
economy and integration capabilities of conventional
CMOS technology.
RF Electrical Specifications @ + 25
oC
Results @ Vdd=5.0 =/- 10%, Vss = 0 unless otherwise stated, Z0=75 ohms
Parameter
Test Condition
Frequency
Minimum
Typical
Maximum
Units
Insertion Loss
DC – 0.5 GHz
2.0 GHz
3.0 GHz
0.9
1.1
1.4
1.5
1.7
1.9
dB
dB
dB
Isolation
DC – 0.5 GHz
2.0 GHz
3.0 GHz
50
40
35
53.5
42.5
39.0
dB
dB
dB
VSWR*
DC – 0.5 GHz
2.0 GHz
3.0 GHz
1.1:1
1.2:1
1.2:1
1.3:1
Ratio
Ratio
Ratio
1dB Compression
Input Power
Vss=Gnd
Vss= -3
1.0 GHz
1.0 GHz
21
29
dBm
dBm
Input IP3
Two-Tone Inputs Up To + 5 dBm
Vss=Gnd
Vss= -3
2.0 GHz
2.0 GHz
35
35
dBm
dBm
Trise, Tfall*
Ton, Toff
Transients
10% To 90%
50% Cntl To 90%/10%Rf
In-Band
10
20
10
nS
nS
mV
*By design
HRF-SW1001 in LPCC
TM Package


Similar Part No. - HRF-SW1001-B

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HRF-SW1000 HONEYWELL-HRF-SW1000 Datasheet
65Kb / 6P
   SPDT Absorptive RF Switch
HRF-SW1000-B HONEYWELL-HRF-SW1000-B Datasheet
65Kb / 6P
   SPDT Absorptive RF Switch
HRF-SW1000-E HONEYWELL-HRF-SW1000-E Datasheet
65Kb / 6P
   SPDT Absorptive RF Switch
HRF-SW1000-TR HONEYWELL-HRF-SW1000-TR Datasheet
65Kb / 6P
   SPDT Absorptive RF Switch
More results

Similar Description - HRF-SW1001-B

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HRF-SW1000 HONEYWELL-HRF-SW1000 Datasheet
65Kb / 6P
   SPDT Absorptive RF Switch
logo
Mini-Circuits
ZFSWA2-63DR++ MINI-ZFSWA2-63DR+ Datasheet
198Kb / 1P
   Absorptive SPDT Solid State RF Switch
logo
M/A-COM Technology Solu...
MASW-007075-000100 MA-COM-MASW-007075-000100 Datasheet
145Kb / 4P
   GaAs SPDT Absorptive Switch
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
202Kb / 5P
   GaAs SPDT Switch, Absorptive
logo
Peregrine Semiconductor
PE4251MLI-Z PSEMI-PE4251MLI-Z Datasheet
377Kb / 10P
   UltraCMOS짰 SPDT RF Switch 10??000 MHz, Absorptive
PE4257 PSEMI-PE4257 Datasheet
300Kb / 7P
   SPDT Absorptive UltraCMOS DC??.0 GHz RF Switch
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
   Absorptive High Isolation SPDT Switch
logo
Pasternack Enterprises,...
PE71S2041 PASTERNACK-PE71S2041_V01 Datasheet
556Kb / 5P
   Absorptive SPDT PIN Diode Switch
logo
Agilent(Hewlett-Packard...
MGS-71008 HP-MGS-71008 Datasheet
53Kb / 5P
   Absorptive SPDT GaAs MMIC Switch
logo
TriQuint Semiconductor
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
   High Isolation Absorptive SPDT Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com