Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIR313C Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # HIR313C
Description  5mm Infrared LED, T-1 3/4
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR313C Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  HIR313C Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR313C Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR313C Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR313C Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR313C Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR313C Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR313C Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 6 of 7
Device No:CDIH-031-001
Prepared date:2006/05/04
Prepared by:zhouhong
HIR313C
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO. Item
Test Conditions
Test Hours/
Cycles
Sample
Sizes
Failure
Judgement
Criteria
Ac/Re
1
Solder Heat
TEMP.:260℃±5℃
10secs
22pcs
0/1
2
Temperature Cycle H : +100℃
15mins
5mins
L : -40℃
15mins
300Cycles
22pcs
0/1
3
Thermal Shock
H :+100℃
5mins
10secs
L :-10℃
5mins
300Cycles
22pcs
0/1
4
High Temperature
Storage
TEMP.:+100℃
1000hrs
22pcs
0/1
5
Low Temperature
Storage
TEMP.:-40℃
1000hrs
22pcs
0/1
6
DC Operating Life
IF=20mA
1000hrs
22pcs
0/1
7
High Temperature/
High Humidity
85℃ / 85% R.H
1000hrs
22pcs
Ee≦L×0.8
VF≦U
U:Upper
Specification
Limit
L:the initial
test value
0/1


Similar Part No. - HIR313C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR30-01C EVERLIGHT-HIR30-01C Datasheet
178Kb / 7P
   High Power Infrared LED
HIR30-01C-S16 EVERLIGHT-HIR30-01C-S16 Datasheet
183Kb / 7P
   High Power Infrared LED
HIR30-01C-S16 EVERLIGHT-HIR30-01C-S16_15 Datasheet
183Kb / 7P
   High Power Infrared LED
HIR30-01C/S16 EVERLIGHT-HIR30-01C/S16 Datasheet
178Kb / 7P
   High Power Infrared LED
HIR323C EVERLIGHT-HIR323C Datasheet
184Kb / 7P
   5mm Infrared LED, T-1 3/4
More results

Similar Description - HIR313C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR323C-H0 EVERLIGHT-HIR323C-H0 Datasheet
181Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR8323-C16 EVERLIGHT-HIR8323-C16 Datasheet
161Kb / 7P
   5mm Infrared LED, T-1 3/4
IR8353-14C EVERLIGHT-IR8353-14C Datasheet
207Kb / 7P
   5mm Infrared LED , T-1 3/4
IR533C EVERLIGHT-IR533C Datasheet
192Kb / 7P
   5mm Infrared LED , T-1 3/4
IR323-H0-A EVERLIGHT-IR323-H0-A Datasheet
202Kb / 7P
   5mm Infrared LED , T-1 3/4
SIR383 EVERLIGHT-SIR383 Datasheet
178Kb / 7P
   5mm Infrared LED, T-1 3/4
SIR333C-H0 EVERLIGHT-SIR333C-H0 Datasheet
189Kb / 7P
   5mm Infrared LED, T-1 3/4
EAILP05RDLA0 EVERLIGHT-EAILP05RDLA0 Datasheet
269Kb / 8P
   5mm Infrared LED,T-1 3/4
EAILP05RDOA0 EVERLIGHT-EAILP05RDOA0 Datasheet
305Kb / 8P
   5mm Infrared LED,T-1 3/4
IR333C-A EVERLIGHT-IR333C-A Datasheet
368Kb / 7P
   5mm Infrared LED, T-1 3/4
Rev. 3 2010/10/23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com