Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIR383C Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # HIR383C
Description  5mm Infrared LED, T-1 3/4
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR383C Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  HIR383C Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR383C Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR383C Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR383C Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR383C Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR383C Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR383C Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 7 of 7
Device No:DIH-383-093
Prepared date:06-29-2006
Prepared by:Daniel Yang
RoHS
HIR383C/L212
Packing Quantity Specification
1.500PCS/1Bag,5Bags/1Box
2.10Boxes/1Carton
Label Form Specification
CPN: Customer’s Production Numb
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s
consent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
HIR383C/L212


Similar Part No. - HIR383C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR38-01C EVERLIGHT-HIR38-01C Datasheet
137Kb / 7P
   High Power Infrared LED
HIR38-01C EVERLIGHT-HIR38-01C_15 Datasheet
142Kb / 7P
   High Power Infrared LED
More results

Similar Description - HIR383C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR323C-H0 EVERLIGHT-HIR323C-H0 Datasheet
181Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR313C EVERLIGHT-HIR313C Datasheet
188Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR8323-C16 EVERLIGHT-HIR8323-C16 Datasheet
161Kb / 7P
   5mm Infrared LED, T-1 3/4
IR8353-14C EVERLIGHT-IR8353-14C Datasheet
207Kb / 7P
   5mm Infrared LED , T-1 3/4
IR533C EVERLIGHT-IR533C Datasheet
192Kb / 7P
   5mm Infrared LED , T-1 3/4
IR323-H0-A EVERLIGHT-IR323-H0-A Datasheet
202Kb / 7P
   5mm Infrared LED , T-1 3/4
SIR383 EVERLIGHT-SIR383 Datasheet
178Kb / 7P
   5mm Infrared LED, T-1 3/4
SIR333C-H0 EVERLIGHT-SIR333C-H0 Datasheet
189Kb / 7P
   5mm Infrared LED, T-1 3/4
EAILP05RDLA0 EVERLIGHT-EAILP05RDLA0 Datasheet
269Kb / 8P
   5mm Infrared LED,T-1 3/4
EAILP05RDOA0 EVERLIGHT-EAILP05RDOA0 Datasheet
305Kb / 8P
   5mm Infrared LED,T-1 3/4
IR333C-A EVERLIGHT-IR333C-A Datasheet
368Kb / 7P
   5mm Infrared LED, T-1 3/4
Rev. 3 2010/10/23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com