Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIR1363C Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # HIR1363C
Description  10mm Round Infrared LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR1363C Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  HIR1363C Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR1363C Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR1363C Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR1363C Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR1363C Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR1363C Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR1363C Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 1 of 7
Device No:DIH-136-070
Prepared date:07-20-2005
Prepared by:JAINE TSAI
Technical Data Sheet
10mm Round Infrared LED
HIR1363C
Features
․High reliability
․High radiant intensity
․Peak wavelength λp=850nm
․2.54mm Lead spacing
․Low forward voltage
․Pb free
․The product itself will remain within RoHS compliant version.
Descriptions
․EVERLIGHT’s infrared emitting diode(HIR1363C)
is a high intensity diode , molded in a water clear plastic
package.
․The device is spectrally matched with phototransistor , photodiode
and infrared receiver module.
Applications
․Free air transmission system
․Infrared remote control units with high power requirement
․Smoke detector
․Infrared applied system
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
HIR
GaAlAs
Water clear


Similar Part No. - HIR1363C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR11-21C EVERLIGHT-HIR11-21C Datasheet
255Kb / 10P
   Chip Infrared LED With Inner Lens
HIR11-21C-L11-TR8 EVERLIGHT-HIR11-21C-L11-TR8 Datasheet
261Kb / 10P
   1206 Package Chip Infrared LED With Inner Lens
HIR11-21C-L11-TR8 EVERLIGHT-HIR11-21C-L11-TR8 Datasheet
216Kb / 9P
   1206 Package Chip Infrared LED With Inner Lens
HIR11-21C-L11-TR8 EVERLIGHT-HIR11-21C-L11-TR8_15 Datasheet
216Kb / 9P
   1206 Package Chip Infrared LED With Inner Lens
HIR11-21C/L11/TR8 EVERLIGHT-HIR11-21C/L11/TR8 Datasheet
255Kb / 10P
   Chip Infrared LED With Inner Lens
More results

Similar Description - HIR1363C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP819IID KINGBRIGHT-WP819IID Datasheet
416Kb / 6P
   10mm ROUND LED LAMP
WP819YYD KINGBRIGHT-WP819YYD Datasheet
416Kb / 6P
   10mm ROUND LED LAMP
logo
OptoSupply Internationa...
OSR5RUA131A OPTOSUPPLY-OSR5RUA131A Datasheet
136Kb / 1P
   10mm Round Red LED
OSV5HLA131A OPTOSUPPLY-OSV5HLA131A Datasheet
154Kb / 1P
   10mm Round Violet LED
logo
A-BRIGHT Inc
AL-103IR-85030C2 A-BRIGHT-AL-103IR-85030C2_08 Datasheet
326Kb / 5P
   10mm Round LED Lamps
2008/3/20
logo
SunLED Corporation
LMRMG02MCC SUNLED-LMRMG02MCC Datasheet
204Kb / 5P
   10mm ROUND LED LAMP
LUGR02M SUNLED-LUGR02M Datasheet
201Kb / 5P
   10mm ROUND LED LAMP
logo
OptoSupply Internationa...
OSY5SAA131A OPTOSUPPLY-OSY5SAA131A Datasheet
96Kb / 1P
   10mm Round Yellow LED
OSO5JAA131A OPTOSUPPLY-OSO5JAA131A Datasheet
136Kb / 1P
   10mm Round Orange LED
logo
A-BRIGHT Inc
AL-103YD A-BRIGHT-AL-103YD_10 Datasheet
265Kb / 5P
   10mm Round LED Lamps
2010/5/5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com