Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIR5393C Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # HIR5393C
Description  High Power Infrared LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR5393C Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  HIR5393C Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR5393C Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR5393C Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR5393C Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR5393C Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR5393C Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR5393C Datasheet HTML 7Page - Everlight Electronics Co., Ltd HIR5393C Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 3 of 8
Device No
:DIH-539-096
Prepared date
:12-28-2007
Prepared by
:Jaine Tsai
HIR5393C/L223
Absolute Maximum Ratings (Ta=25℃
℃)
Parameter
Symbol
Rating
Units
Continuous Forward Current
IF
350
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40 ~ +100
Storage Temperature
Tstg
-40 ~ +100
Thermal resistance (junction to leadframe)
Rth(j-L)
20
K/W
Soldering Temperature*1
Tsol
260 ±5
Power Dissipation at(or below)
25℃Free Air Temperature
Pd
0.5
W
Notes: *1:Soldering time≦5 seconds.
Electro-Optical Characteristics (Ta=25℃
℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
IF=150mA
150
200
326
Radiant Intensity
Ie
IF=350mA
--
470
--
mW/sr
Peak Wavelength
λp
IF=20mA
--
850
--
nm
Spectral
Bandwidth
Δλ
IF=20mA
--
50
--
nm
IF=150mA
--
1.5
2.1
Forward Voltage
VF
IF=350mA
--
1.7
2.4
V
Reverse Current
IR
VR=5V
--
--
10
μA
View Angle
2θ1/2
IF=20mA
--
25
--
deg
Rise Time
Tr
IF=20mA
--
11
--
ns
Fall Time
Tf
IF=20mA
--
7
--
ns
Rank
Condition:IF=150mA
Unit:mW/sr
Bin Number
A
B
C
D
Min
150
175
200
225
Max
218
254
290
326
Note. 1. Radiant Intensity measurement tolerance : ±10%
2 .2θ1/2 is the off axis angle from lamp centerline where the radiant intensity
is 1/2 of the
peak value.
3. Forward Voltage measurement tolerance : ±0.1V


Similar Part No. - HIR5393C

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
HIR500T-F0 CTMICRO-HIR500T-F0 Datasheet
772Kb / 8P
   5mm Lamp Type 850nm Infrared Emitter
More results

Similar Description - HIR5393C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR38-01C EVERLIGHT-HIR38-01C Datasheet
137Kb / 7P
   High Power Infrared LED
logo
Marktech Corporate
MTE8760N5 MARKTECH-MTE8760N5 Datasheet
582Kb / 4P
   High Power Infrared LED
MTE8560P MARKTECH-MTE8560P Datasheet
535Kb / 2P
   High Power Infrared LED
logo
Roithner LaserTechnik G...
SMB1N-880 ROITHNER-SMB1N-880 Datasheet
708Kb / 4P
   infrared high power led
SMB1N-970 ROITHNER-SMB1N-970 Datasheet
746Kb / 4P
   infrared high power led
logo
Everlight Electronics C...
EAIST3535A3 EVERLIGHT-EAIST3535A3 Datasheet
560Kb / 8P
   High Power Infrared LED
EAIST3535A5 EVERLIGHT-EAIST3535A5 Datasheet
432Kb / 8P
   High Power Infrared LED
EAILP03SXAA0 EVERLIGHT-EAILP03SXAA0 Datasheet
356Kb / 6P
   High Power Infrared LED
HIR30-01C-S16 EVERLIGHT-HIR30-01C-S16_15 Datasheet
183Kb / 7P
   High Power Infrared LED
HIR30-01C EVERLIGHT-HIR30-01C Datasheet
178Kb / 7P
   High Power Infrared LED
logo
Marktech Corporate
MTE8760P MARKTECH-MTE8760P Datasheet
532Kb / 2P
   High Power Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com