Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A764B-3UY-S530-A3 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # A764B-3UY-S530-A3
Description  3.0mm Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A764B-3UY-S530-A3 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  A764B-3UY-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A764B-3UY-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A764B-3UY-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A764B-3UY-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A764B-3UY-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A764B-3UY-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd A764B-3UY-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
3.0mm Round Type LED Lamps
A764B/3UY/S530-A3
Features :
Low power consumption
High efficiency and low cost
Good control and free combinations
on the colors of LED lamps
Good lock and easy to assembly
Stackable and easy to assembly
Stackable vertically and easy to assembly
Versatile mounting on P.C board or panel
Stackable horizontally and easy to assembly
Pb free
The product itself will remain within RoHS compliant version.
Descriptions :
ARRAY=Plastic Holder+Combinations of Lamps
The array will easily mount the applicable lamps on any panel up to
Applications :
1.Used as indicators of indicating the Degree, Functions, Positions etc, in electronic instruments.
Chip
Material
Emitted Color
234-10UYD/S530-A3
AlGaInP
Super Yellow
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
REV.:
3
Page: 1 of 6
Device Number :
CDAE-076-040
Prepared date: 2005/8/26
Prepared by:
Guanxiu Yuan
CG0404085,R0401652
Lens Color
Yellow Diffused
PART NO.


Similar Part No. - A764B-3UY-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A764B-3G EVERLIGHT-A764B-3G Datasheet
104Kb / 6P
   3.0mm Round Type LED Lamps
A764B-3SUR-S530-A3 EVERLIGHT-A764B-3SUR-S530-A3 Datasheet
129Kb / 7P
   3.0mm Round Type LED Lamps
A764B-3SYG-S530-E2 EVERLIGHT-A764B-3SYG-S530-E2 Datasheet
122Kb / 6P
   3.0mm Round Type LED Lamps
More results

Similar Description - A764B-3UY-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-10SYGD-S530-E3 EVERLIGHT-204-10SYGD-S530-E3 Datasheet
101Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYOC-S530-A3 EVERLIGHT-204-10UYOC-S530-A3 Datasheet
156Kb / 7P
   3.0mm Round Type LED Lamps
DLE-0001704 EVERLIGHT-DLE-0001704 Datasheet
120Kb / 6P
   3.0mm Round Type LED Lamps
1224-10UYT-S530-A3 EVERLIGHT-1224-10UYT-S530-A3 Datasheet
116Kb / 6P
   3.0mm Round Type LED Lamps
1254-10UYD-S530-A3 EVERLIGHT-1254-10UYD-S530-A3 Datasheet
102Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYD-S530-A3 EVERLIGHT-204-10UYD-S530-A3 Datasheet
138Kb / 7P
   3.0mm Round Type LED Lamps
1254-10SDRD-S530-A3 EVERLIGHT-1254-10SDRD-S530-A3 Datasheet
123Kb / 6P
   3.0mm Round Type LED Lamps
1254-10SYGD-S530-E2 EVERLIGHT-1254-10SYGD-S530-E2 Datasheet
98Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYD-S530-A3-L EVERLIGHT-204-10UYD-S530-A3-L Datasheet
110Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYT-S530-A3 EVERLIGHT-204-10UYT-S530-A3_05 Datasheet
99Kb / 6P
   3.0mm Round Type LED Lamps
A264B-SUR-S530-A3-F14-9 EVERLIGHT-A264B-SUR-S530-A3-F14-9 Datasheet
108Kb / 6P
   3.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com