Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEEL22CV10AZPI-25 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PEEL22CV10AZPI-25
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PEEL22CV10AZPI-25 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PEEL22CV10AZPI-25 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEEL22CV10AZPI-25 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEEL22CV10AZPI-25 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEEL22CV10AZPI-25 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEEL22CV10AZPI-25 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEEL22CV10AZPI-25 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEEL22CV10AZPI-25 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEEL22CV10AZPI-25 Datasheet HTML 9Page - List of Unclassifed Manufacturers PEEL22CV10AZPI-25 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
PEEL™ 22CV10AZ
PEEL™ Device and Array Test Loads
Part Number
Technology
R1
R2
RL
VL
CL
CMOS
480k
480k
228k
2.375V
33 pF
TTL
235
159
95
2.02V
33 pF
Part Number
Speed
Temperature
Package
PEEL22CV10AZP-25
25ns
Commercial
24-pin Plastic DIP
PEEL22CV10AZJ-25
25ns
Commercial
28-pin PLCC
PEEL22CV10AZS-25
25ns
Commercial
24-pin SOIC
PEEL22CV10AZT-25
25ns
Commercial
24-pin TSSOP
PEEL22CV10AZPI-25
25ns
Industrial
24-pin Plastic DIP
PEEL22CV10AZJI-25
25ns
Industrial
28-pin PLCC
PEEL22CV10AZSI-25
25ns
Industrial
24-pin SOIC
PEEL22CV10AZTI-25
25ns
Industrial
24-pin TSSOP
Output
CL
R2
R1
5 V
Standard
Load
Output
CL
RL
VL
Thevenin
Equivalent
Device
PEEL™ 22CV10AZ
Suffix
PI-25
Package
P = 24-pin Plastic 300mil DIP
J = 28-pin Plastic (J) Leaded Chip Carrier (PLCC)
S = 24-pin SOIC 300 mil Gullwing
T = 24-pin TSSOP 170 mil
Speed
–25 = 25ns tpd
Temperature Range
(Blank) = Commercial 0 to +70°C
I = Industrial -40 to +85°C
Ordering Information


Similar Part No. - PEEL22CV10AZPI-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL22CV10AZPI-25 ANACHIP-PEEL22CV10AZPI-25 Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL22CV10AZPI-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com