Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD-305USOWA Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELD-305USOWA
Description  0.3 inch Dual Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD-305USOWA Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELD-305USOWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELD-305USOWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELD-305USOWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD-305USOWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD-305USOWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELD-305USOWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.3" Dual Digit Displays
ELD-305USOWA/S530-A3
█ Features :
● Industrial standard size.
● Low power consumption.
● Categorized for luminous intensity.
● Pb free
● The product itself will remain within RoHS
compliant version
█ Descriptions :
● The ELD-305 series is a large 7.62 mm
(0.3")high seven segment display
designed for viewing distances up to
7 meters.
● These displays provide excellent
reliability in bright ambient light.
● These devices are made with white
segments and gray surface.
█ Applications :
● Audio equipment
● Instrument panels
● Digital read out display
Material
AlGaInP
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 1 of 6
Prepared date:2007/5/7
Prepared by: YanLi Zhong
Device Number :CDDD-305-029
ELD-305USOWA/S530-A3
PART NO.
Emitted Color
Reddish Orange
Chip


Similar Part No. - ELD-305USOWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-305SURWA EVERLIGHT-ELD-305SURWA Datasheet
132Kb / 7P
   0.3 inch Dual Digit Displays
ELD-305SURWA-S530-A3 EVERLIGHT-ELD-305SURWA-S530-A3 Datasheet
132Kb / 7P
   0.3 inch Dual Digit Displays
ELD-305SURWA/S530-A3 EVERLIGHT-ELD-305SURWA/S530-A3 Datasheet
132Kb / 7P
   0.3 inch Dual Digit Displays
ELD-305SYGWA EVERLIGHT-ELD-305SYGWA Datasheet
123Kb / 6P
   0.3 inch Dual Digit Displays
ELD-305SYGWA-S530-E2 EVERLIGHT-ELD-305SYGWA-S530-E2 Datasheet
123Kb / 6P
   0.3 inch Dual Digit Displays
More results

Similar Description - ELD-305USOWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-305SYGWA EVERLIGHT-ELD-305SYGWA Datasheet
123Kb / 6P
   0.3 inch Dual Digit Displays
ELD-306USOWA EVERLIGHT-ELD-306USOWA Datasheet
125Kb / 6P
   0.3 inch Dual Digit Displays
ELD-306SYGWA EVERLIGHT-ELD-306SYGWA Datasheet
123Kb / 6P
   0.3 inch Dual Digit Displays
ELD-306SURWA EVERLIGHT-ELD-306SURWA Datasheet
134Kb / 7P
   0.3 inch Dual Digit Displays
ELD-305SURWA EVERLIGHT-ELD-305SURWA Datasheet
132Kb / 7P
   0.3 inch Dual Digit Displays
ELD-306SURWA-S530-A3 EVERLIGHT-ELD-306SURWA-S530-A3_09 Datasheet
129Kb / 6P
   0.3" Dual Digit Displays
logo
Micro Electronics
MR231A MICRO-ELECTRONICS-MR231A Datasheet
61Kb / 2P
   0.3 DUAL DIGIT NUMBERIC DISPLAYS
MS213A MICRO-ELECTRONICS-MS213A Datasheet
75Kb / 2P
   0.3 DUAL DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVD-32X UOT-UVD-32X Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
logo
Kingbright Corporation
SA03-11EWA KINGBRIGHT-SA03-11EWA Datasheet
153Kb / 5P
   7MM (0.3 INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com