Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD-525SURWA-S530-A3 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # ELD-525SURWA-S530-A3
Description  0.54 inch Dual Digit Alphanumeric Displays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD-525SURWA-S530-A3 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  ELD-525SURWA-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELD-525SURWA-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELD-525SURWA-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD-525SURWA-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD-525SURWA-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELD-525SURWA-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELD-525SURWA-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.54" Dual Digit Alphanumeric Displays
ELD-525SURWA/S530-A3
█ Absolute maximum ratings at Ta = 25℃:
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature *
Tsol
260 ± 5
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Peak Forward Current(Duty 1/10
@ 1KHZ)
IF(Peak)
160
mA
Note: *Soldering time ≦ 5 seconds.
█ Electronic optical characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
----
2.0
----
mcd
IF=2mA
Luminous
7.8
12.5
----
mcd
IF=10mA
----
0.8
----
mcd
IF=2mA
2.5
4.0
----
mcd
IF=10mA
Peak Wavelength
λp
----
632
----
nm
IF=20mA
Dominant Wavelength
λd
----
624
----
nm
IF=20mA
△λ
----
20
----
nm
IF=20mA
Forward Voltage
VF
----
2.0
2.4
V
IF=20mA
Reverse Current
IR
----
----
100
μA
VR=5V
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 2
Page: 3 of 6
Device Number :CDDD-525-004
Prepared date:2004/06/28
Prepared by: YanLi Zhong
Iv
Spectrum Radiation
Bandwidth
Intensity
Per segment
Per decimal point


Similar Part No. - ELD-525SURWA-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-525SYGWA EVERLIGHT-ELD-525SYGWA Datasheet
140Kb / 6P
   0,54 inch Dual Digit Alphanumeric Displays
ELD-525SYGWA-S530-E2 EVERLIGHT-ELD-525SYGWA-S530-E2 Datasheet
140Kb / 6P
   0,54 inch Dual Digit Alphanumeric Displays
ELD-525SYGWA/S530-E2 EVERLIGHT-ELD-525SYGWA/S530-E2 Datasheet
140Kb / 6P
   0,54 inch Dual Digit Alphanumeric Displays
More results

Similar Description - ELD-525SURWA-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-526SYGWA-S530-E2 EVERLIGHT-ELD-526SYGWA-S530-E2 Datasheet
149Kb / 6P
   0.54 inch Dual Digit Alphanumeric Displays
ELD-525USOWA EVERLIGHT-ELD-525USOWA Datasheet
141Kb / 6P
   0.54 inch Dual Digit Alphanumeric Displays
ELD-526SURWA EVERLIGHT-ELD-526SURWA Datasheet
166Kb / 7P
   0.54 Dual Digit Alphanumeric Displays
ELD-525USOWA-S530-A3 EVERLIGHT-ELD-525USOWA-S530-A3_10 Datasheet
118Kb / 6P
   0.54" Dual Digit Alphanumeric Displays
logo
Micro Electronics
MANO254A-C MICRO-ELECTRONICS-MANO254A-C Datasheet
87Kb / 2P
   0.54 DUAL DIGIT ALPHANUMERIC DISPLAYS
logo
China Semiconductor Cor...
CSD-5422E CHINASEMI-CSD-5422E Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422B7 CHINASEMI-CSD-5422B7 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422T9 CHINASEMI-CSD-5422T9 Datasheet
201Kb / 6P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422A9 CHINASEMI-CSD-5422A9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422G CHINASEMI-CSD-5422G Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com