Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD-515SYGWA-S530-E2 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # ELD-515SYGWA-S530-E2
Description  0.5 inch Dual Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD-515SYGWA-S530-E2 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  ELD-515SYGWA-S530-E2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELD-515SYGWA-S530-E2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELD-515SYGWA-S530-E2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD-515SYGWA-S530-E2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD-515SYGWA-S530-E2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELD-515SYGWA-S530-E2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.5" Dual Digit Displays
ELD-515SYGWA/S530-E2
█ Packing Quantity Specification
1. 20PCS/tube, 54 tubes/box
2. 4Boxes/Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF: Reference
LOT No: Lot Number
MADE IN CHINA: Production Place
Notes :
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 6 of 6
Device Number : CDDD-515-007
Prepared date:2006/9/3
Prepared by: YanLi Zhong
LOT NO:
ELD-286GWB
QTY:
CPN:
PN:
/
HUE:
REF:
CAT:
MADE IN CHINA
EVERLIGHT
D515SYGWA/S530-E2
EVERLIGHT ELECTRONICS CO., LTD.
Tel: (020) 84860913 , 84860914
Office: 7c Building ,Lian Hua Port lndustrial District, Lian Hua Shan
Fax: (020) 84860600
Bonded Pricessing, Zone Pan Yu, Guang Zhou, China
http:\\www.everlight.com


Similar Part No. - ELD-515SYGWA-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-515SURWA EVERLIGHT-ELD-515SURWA Datasheet
166Kb / 7P
   0.5 inch Dual Digit Displays
ELD-515SURWA-S530-A3 EVERLIGHT-ELD-515SURWA-S530-A3 Datasheet
166Kb / 7P
   0.5 inch Dual Digit Displays
ELD-515SURWA-S530-A3 EVERLIGHT-ELD-515SURWA-S530-A3 Datasheet
161Kb / 6P
   0.5" Dual Digit Displays
ELD-515SURWA-S530-A3 EVERLIGHT-ELD-515SURWA-S530-A3_06 Datasheet
161Kb / 6P
   0.5" Dual Digit Displays
ELD-515SURWA/S530-A3 EVERLIGHT-ELD-515SURWA/S530-A3 Datasheet
166Kb / 7P
   0.5 inch Dual Digit Displays
More results

Similar Description - ELD-515SYGWA-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-516USOWA EVERLIGHT-ELD-516USOWA Datasheet
157Kb / 6P
   0.5 inch Dual Digit Displays
ELD-516SURWA EVERLIGHT-ELD-516SURWA Datasheet
166Kb / 7P
   0.5 inch Dual Digit Displays
ELD-515SURWA EVERLIGHT-ELD-515SURWA Datasheet
166Kb / 7P
   0.5 inch Dual Digit Displays
ELD-515SURWA-S530-A3 EVERLIGHT-ELD-515SURWA-S530-A3_06 Datasheet
161Kb / 6P
   0.5" Dual Digit Displays
logo
Micro Electronics
MS251A MICRO-ELECTRONICS-MS251A Datasheet
73Kb / 2P
   0.5 DUAL DIGIT NUMERIC DISPLAYS
logo
Everlight Electronics C...
ELD-305USOWA EVERLIGHT-ELD-305USOWA Datasheet
122Kb / 6P
   0.3 inch Dual Digit Displays
ELD-511SURWA EVERLIGHT-ELD-511SURWA Datasheet
195Kb / 5P
   0.56 inch Dual Digit Displays
ELD-425USOWA-S530-A3 EVERLIGHT-ELD-425USOWA-S530-A3 Datasheet
93Kb / 6P
   0.4 inch Dual Digit Displays
ELD-512USOWA EVERLIGHT-ELD-512USOWA Datasheet
168Kb / 6P
   0.56 inch Dual Digit Displays
ELD-426USOWA EVERLIGHT-ELD-426USOWA Datasheet
91Kb / 6P
   0.4 inch Dual Digit Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com