Electronic Components Datasheet Search |
|
ELD-512USOWA-S530-A3 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd |
|
ELD-512USOWA-S530-A3 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd |
3 / 6 page EVERLIGHT ELECTRONICS CO.,LTD. Technical Data Sheet 0.56" Dual Digit Displays ELD-512USOWA/S530-A3 █ Absolute maximum ratings at Ta = 25℃: Parameter Symbol Rating Unit Reverse Voltage VR 5V Forward Current IF 25 mA Operating Temperature Topr -40 to +85 ℃ Storage Temperature Tstg -40 to +100 ℃ Soldering Temperature * Tsol 260 ± 5 ℃ Electrostatic Discharge ESD 2000 V Power Dissipation Pd 60 mW Note: *Soldering time ≦ 5 seconds. █ Electronic optical characteristics : Parameter Symbol Min. Typ. Max. Unit Condition ---- 3.0 ---- mcd IF=2mA Luminous 7.8 15.0 ---- mcd IF=10mA ---- 0.7 ---- mcd IF=2mA 2.5 3.5 ---- mcd IF=10mA Peak Wavelength λp ---- 621 ---- nm IF=20mA Dominant Wavelength λd ---- 615 ---- nm IF=20mA △λ ---- 18 ---- nm IF=20mA Forward Voltage VF ----- 2.0 2.4 V IF=20mA Reverse Current IR ---- ---- 100 μA VR=5V EVERLIGHT ELECTRONICS CO.,LTD. http : //www.everlight.com Rev. : 1 Page: 3 of 6 Device Number :CDDD-512-066 Prepared date:2007/5/9 Prepared by: YanLi Zhong Iv Spectrum Radiation Bandwidth Intensity Per segment Per decimal point |
Similar Part No. - ELD-512USOWA-S530-A3 |
|
Similar Description - ELD-512USOWA-S530-A3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |