Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36DR432DA10ZA6T Datasheet(PDF) 5 Page - STMicroelectronics

Part # M36DR432DA10ZA6T
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR432DA10ZA6T Datasheet(HTML) 5 Page - STMicroelectronics

  M36DR432DA10ZA6T Datasheet HTML 1Page - STMicroelectronics M36DR432DA10ZA6T Datasheet HTML 2Page - STMicroelectronics M36DR432DA10ZA6T Datasheet HTML 3Page - STMicroelectronics M36DR432DA10ZA6T Datasheet HTML 4Page - STMicroelectronics M36DR432DA10ZA6T Datasheet HTML 5Page - STMicroelectronics M36DR432DA10ZA6T Datasheet HTML 6Page - STMicroelectronics M36DR432DA10ZA6T Datasheet HTML 7Page - STMicroelectronics M36DR432DA10ZA6T Datasheet HTML 8Page - STMicroelectronics M36DR432DA10ZA6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
5/46
M36DR432C, M36DR432D
SIGNAL DESCRIPTIONS
See Figure 2 and Table 1.
Address Inputs (A0-A17). Addresses A0 to A17
are common inputs for the Flash chip and the
SRAM chip. The address inputs for the Flash
memory are latched during a write operation on
the falling edge of the Flash Chip Enable (EF)or
Write Enable (WF), while address inputs for the
SRAM array are latched during a write operation
on the falling edge of the SRAM Chip Enable lines
(E1S or E2S) or Write Enable (WS).
Address Inputs (A18-A20). Address A18 to A20
are address inputs for the Flash chip. They are
latched during a write operation on the falling edge
of Flash Chip Enable (EF) or Write Enable (WF).
Data Input/Outputs (DQ0-DQ15). The input is
data to be programmed in the Flash or SRAM
memory array or a command to be written to the
C.I. of the Flash chip. Both are latched on the ris-
ing edge of Flash Chip Enable (EF)orWrite En-
able (WF) and, SRAM Chip Enable lines (E1S or
E2S) or Write Enable (WS). The output is data
from the Flash memory or SRAM array, the Elec-
tronic Signature Manufacturer or Device codes or
the Status register Data Polling bit DQ7, the Tog-
gle Bits DQ6 and DQ2, the Error bit DQ5 or the
Erase Timer bit DQ3. Outputs are valid when
Flash Chip Enable (EF) and Output Enable (GF)or
SRAM Chip Enable lines (E1S or E2S) and Output
Enable (GS) are active. The output is high imped-
ance when the both the Flash chip and the SRAM
chip are deselected or the outputs are disabled
and when Reset (RPF)is at a VIL.
Flash Chip Enable (EF). The Chip Enable input
for Flash activates the memory control logic, input
buffers, decoders and sense amplifiers. EF at VIH
deselects the memory and reduces the power con-
sumption to the standby level and output do Hi-Z.
EF canalsobeusedto control writing to the com-
mand register and to the Flash memory array,
while WF remains at VIL.Itisnot allowed to set EF
at VIL,E1S at VIL and E2S at VIH at the same time.
Flash Write Enable (WF). The Write Enable in-
put controls writing to the Command Register of
the Flash chip and Address/Data latches. Data are
latched on the rising edge of WF.
Flash Output Enable (GF). The Output Enable
gates the outputs through the data buffers during
a read operation of the Flash chip. When GF and
WF are High the outputs are High impedance.
Flash Reset/Power Down Input (RPF). The RPF
input provides hardware reset of the memory
(without affecting the Configuration Register sta-
tus), and/or Power Down functions, depending on
the Configuration Register status. Reset/Power
Down of the memory is achieved by pulling RPF to
VIL for at least tPLPH. When the reset pulse is giv-
en, if the memory is in Read, Erase Suspend Read
or Standby, it will output new valid data in tPHQ7V1
after the rising edge of RPF.Ifthe memory is in
Erase or Program modes, the operation will be
aborted and the reset recovery will take a maxi-
mum of tPLQ7V. The memory will recover from
Power Down (when enabled) in tPHQ7V2 after the
rising edge of RPF. See Tables 1, 26 and Figure
11.
Flash Write Protect (WPF). Write Protect is an
input to protect or unprotect the two lockable pa-
rameter blocks of the Flash memory. When WPF
is at VIL, the lockable blocks are protected. Pro-
gram or erase operations are not achievable.
When WPF is at VIH, the lockable blocks are un-
protected and they can be programmed or erased
(refer to Table 17).
SRAM Chip Enable (E1S,E2S). The Chip En-
able inputs for SRAM activate the memory control
logic, input buffers and decoders. E1S at VIH or
E2S at VIL deselects the memory and reduces the
power consumption to the standby level. E1S and
E2S can also be used to control writing to the
SRAM memory array, while WS remains at VIL.It
is not allowed to set EF at VIL,E1S at VIL and E2S
at VIH at the same time.
SRAM WriteEnable(WS). The Write Enable in-
put controls writing to the SRAM memory array.
WS is active low.
SRAM Output Enable (GS). The Output Enable
gates the outputs through the data buffers during
a read operation of the SRAM chip. GS is active
low.
SRAM Upper Byte Enable (UBS). Enable
the
upper bytes for SRAM (DQ8-DQ15). UBS is active
low.
SRAM Lower Byte Enable (LBS). Enable
the
lower bytes for SRAM (DQ0-DQ7). LBS is active
low.
VDDF Supply Voltage (1.9V to 2.1V). Flash memory
power supply for all operations (Read, Program and
Erase).
VPPF Programming Voltage (11.4V to 12.6V).
Used to provide high voltage for fast factory pro-
gramming. High voltage on VPPF pin is required to
use the Double Word Program instruction. It is
also possible to perform word program or erase in-
structions with VPPF pin grounded.
VDDS Supply Voltage (1.9V to 2.1V). SRAM pow-
er supply for all operations (Read, Program).
VSSF and VSSS Ground. VSSF and VSSS are the
reference for all voltage measurements respec-
tively in the Flash and SRAM chips.


Similar Part No. - M36DR432DA10ZA6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36DR432-ZAT STMICROELECTRONICS-M36DR432-ZAT Datasheet
328Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
M36DR432A STMICROELECTRONICS-M36DR432A Datasheet
328Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
M36DR432A100ZA6C STMICROELECTRONICS-M36DR432A100ZA6C Datasheet
328Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
M36DR432A100ZA6T STMICROELECTRONICS-M36DR432A100ZA6T Datasheet
328Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
M36DR432A120ZA6C STMICROELECTRONICS-M36DR432A120ZA6C Datasheet
328Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
More results

Similar Description - M36DR432DA10ZA6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36DR432A STMICROELECTRONICS-M36DR432A Datasheet
328Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
M36DR432AD STMICROELECTRONICS-M36DR432AD Datasheet
834Kb / 52P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
M36DR232A STMICROELECTRONICS-M36DR232A Datasheet
329Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
M36W432T STMICROELECTRONICS-M36W432T Datasheet
418Kb / 57P
   32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
M36W432TG STMICROELECTRONICS-M36W432TG Datasheet
439Kb / 66P
   32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
M36W832TE STMICROELECTRONICS-M36W832TE Datasheet
897Kb / 64P
   32 Mbit 2Mb x16, Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM, Multiple Memory Product
M59DR032A STMICROELECTRONICS-M59DR032A Datasheet
270Kb / 38P
   32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
   64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
   32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
M36W216TI STMICROELECTRONICS-M36W216TI Datasheet
434Kb / 62P
   16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com