Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3Q3257RGYR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q3257RGYR
Description  4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q3257RGYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74CB3Q3257RGYR Datasheet HTML 6Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 9Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 10Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 11Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 12Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 13Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74CB3Q3257DGVR
TVSOP
DGV
16
2000
330.0
12.4
6.8
4.0
1.6
8.0
12.0
Q1
SN74CB3Q3257PWR
TSSOP
PW
16
2000
330.0
12.4
7.0
5.6
1.6
8.0
12.0
Q1
SN74CB3Q3257RGYR
QFN
RGY
16
1000
180.0
12.4
3.8
4.3
1.5
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
19-Mar-2008
Pack Materials-Page 1


Similar Part No. - SN74CB3Q3257RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3257RGYR TI-SN74CB3Q3257RGYR Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
SN74CB3Q3257RGYR TI-SN74CB3Q3257RGYR Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257RGYR TI1-SN74CB3Q3257RGYR Datasheet
1Mb / 25P
[Old version datasheet]   FET Multiplexer/Demultiplexer
More results

Similar Description - SN74CB3Q3257RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3257 TI-SN74CB3Q3257_10 Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253_10 Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
699Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
390Kb / 1P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI1-SN74CB3Q3251_15 Datasheet
777Kb / 19P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
329Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
ADG3248 AD-ADG3248 Datasheet
172Kb / 12P
   2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
ADG3249 AD-ADG3249_15 Datasheet
226Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
ADG3249 AD-ADG3249 Datasheet
220Kb / 12P
   2.5 V/3.3 V, 2:1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com