Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1VF288 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS470R1VF288
Description  16/32-BIT RISC FLASH MICROCONTROLLER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1VF288 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS470R1VF288 Datasheet HTML 4Page - Texas Instruments TMS470R1VF288 Datasheet HTML 5Page - Texas Instruments TMS470R1VF288 Datasheet HTML 6Page - Texas Instruments TMS470R1VF288 Datasheet HTML 7Page - Texas Instruments TMS470R1VF288 Datasheet HTML 8Page - Texas Instruments TMS470R1VF288 Datasheet HTML 9Page - Texas Instruments TMS470R1VF288 Datasheet HTML 10Page - Texas Instruments TMS470R1VF288 Datasheet HTML 11Page - Texas Instruments TMS470R1VF288 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
TMS470R1VF288
16/32-BIT RISC FLASH MICROCONTROLLER
SPNS095E – JULY 2004 – REVISED DECEMBER 2005
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
device characteristics
The VF288 device is a derivative of the F05 system emulation device SE470R1VB8AD. Table 1 identifies all
the characteristics of the VF288 device except the SYSTEM and CPU, which are generic.
Table 1. Device Characteristics
CHARACTERISTICS
DEVICE DESCRIPTION
TMS470R1VF288
COMMENTS FOR VF288
MEMORY
For the number of memory selects on this device, see the TMS470VF288 Memory Selection Assignment table (Table 2).
INTERNAL
MEMORY
Pipeline/Non-Pipeline
288K-Byte Flash
16K-Byte SRAM
Memory Security Module (MSM)
JTAG Security Module
Flash is pipeline-capable
The VF288 RAM is implemented in one 16K array selected by two
memory-select signals (see the TMS470R1VF288 Memory Selection
Assignment table, Table 2).
PERIPHERALS
For the device-specific interrupt priority configurations, see the Interrupt Priority Table (Table 5). And for the 1K peripheral address ranges and
their peripheral selects, see the VF288 Peripherals, System Module, and Flash Base Addresses table (Table 3).
CLOCK
FMZPLL
Frequency-modulated zero-pin PLL has no external loop filter pins.
Expansion Bus
EBM
Expansion bus module with 42 pins. Supports 8- and 16-bit memories.
See Table 6 for details.
GENERAL-PURPOSE
I/Os
50 I/O (PGE Suffix)
14 I/O (PZ Suffix)
In the PGE package, Port A has eight (8) external pins, Port B has only
one (1) external pin, Port C has five (5) external pins, Port D has six (6)
external pins, Ports E, F, and G each have eight (8) external pins, and
Port H has six (6) external pins.
In the PZ package, Port A has eight (8) external pins, Port B has only
one (1) external pin, and Port H has five (5) external pins.
ECP
YES
SCI
2 (3-pin)
CAN
(HECC and/or SCC)
2 SCC
Two standard CAN controllers
SPI
(5-pin, 4-pin or 3-pin)
2 (5-pin)
C2SIb
1
I2C
3
HET with
XOR Share
12 I/O
The high-resolution (HR) SHARE feature allows even-numbered HR
pins to share the next higher odd-numbered HR pin structures. This HR
sharing is independent of whether or not the odd pin is available
externally. If an odd pin is available externally and shared, then the odd
pin can only be used as a general-purpose I/O. For more information on
HR SHARE, see theTMS470R1x High-End Timer (HET) Reference
Guide (literature number SPNU199).
HET RAM
64-Instruction Capacity
MibADC
10-bit, 12-channel
64-word FIFO
Both the logic and registers for a full 16-channel MibADC are present.
CORE VOLTAGE
1.8 V
I/O VOLTAGE
3.3 V
PINS
144
100
PACKAGES
PGE
PZ


Similar Part No. - TMS470R1VF288

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VF334A TI1-TMS470R1VF334A Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF334EPNA TI1-TMS470R1VF334EPNA Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF334EPNQ TI1-TMS470R1VF334EPNQ Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF334EPNT TI1-TMS470R1VF334EPNT Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF336A TI-TMS470R1VF336A Datasheet
770Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
More results

Similar Description - TMS470R1VF288

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com