Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C160-70XM1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M27C160-70XM1
Description  16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C160-70XM1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M27C160-70XM1 Datasheet HTML 3Page - STMicroelectronics M27C160-70XM1 Datasheet HTML 4Page - STMicroelectronics M27C160-70XM1 Datasheet HTML 5Page - STMicroelectronics M27C160-70XM1 Datasheet HTML 6Page - STMicroelectronics M27C160-70XM1 Datasheet HTML 7Page - STMicroelectronics M27C160-70XM1 Datasheet HTML 8Page - STMicroelectronics M27C160-70XM1 Datasheet HTML 9Page - STMicroelectronics M27C160-70XM1 Datasheet HTML 10Page - STMicroelectronics M27C160-70XM1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/19
M27C160
Table 9. Read Mode AC Characteristics (1)
(TA =0 to 70 °C or –40to85°C; VCC = 5V ± 5% or 5V ± 10%; VPP =VCC)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
3. Speed obtained with High Speed AC measurement conditions.
Symbol
Alt
Parameter
Test Condition
M27C160
Unit
-90
-100
-120/-150
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to
Output Valid
E =VIL,G =VIL
90
100
120
ns
tBHQV
tST
BYTE High to
Output Valid
E =VIL,G =VIL
90
100
120
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G =VIL
90
100
120
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E =VIL
45
50
60
ns
tBLQZ
(2)
tSTD
BYTE Low to Output
Hi-Z
E =VIL,G =VIL
30
40
50
ns
tEHQZ
(2)
tDF
Chip Enable High to
Output Hi-Z
G =VIL
030040050
ns
tGHQZ
(2)
tDF
Output Enable High
to OutputHi-Z
E =VIL
030040050
ns
tAXQX
tOH
Address Transition
to Output Transition
E =VIL,G =VIL
555
ns
tBLQX
tOH
BYTE Low to
Output Transition
E =VIL,G =VIL
555
ns
Figure 7. Word-Wide Read Mode AC Waveforms
Note: BYTEVPP =VIH.
AI00741B
tAXQX
tEHQZ
A0-A19
E
G
Q0-Q15
tAVQV
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
VALID


Similar Part No. - M27C160-70XM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C160-70XM1 STMICROELECTRONICS-M27C160-70XM1 Datasheet
258Kb / 26P
   16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
More results

Similar Description - M27C160-70XM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V160 STMICROELECTRONICS-M27V160_06 Datasheet
238Kb / 25P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
M27V160 STMICROELECTRONICS-M27V160 Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
   8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
M27V320 STMICROELECTRONICS-M27V320 Datasheet
144Kb / 15P
   32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
August 2002
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May 1999
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
July 2000
M27C320 STMICROELECTRONICS-M27C320 Datasheet
94Kb / 15P
   32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com