Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLT3-4B Datasheet(PDF) 7 Page - STMicroelectronics

Part # CLT3-4B
Description  Current limited over-voltage protected quad digital termination
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button CLT3-4B Datasheet HTML 3Page - STMicroelectronics CLT3-4B Datasheet HTML 4Page - STMicroelectronics CLT3-4B Datasheet HTML 5Page - STMicroelectronics CLT3-4B Datasheet HTML 6Page - STMicroelectronics CLT3-4B Datasheet HTML 7Page - STMicroelectronics CLT3-4B Datasheet HTML 8Page - STMicroelectronics CLT3-4B Datasheet HTML 9Page - STMicroelectronics CLT3-4B Datasheet HTML 10Page - STMicroelectronics CLT3-4B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CLT3-4B
Application information
7/13
2
Application information
2.1
Application description
The CLT device is used between the input module and the opto-coupler of an I/O module. To
secure the coupler off state and the non-conduction of its diode, the maximum CLT output
current is 40 µA with R opto = 15 k
Ω. When the CLT input voltage VIN is higher than 5 V, a
minimum CLT output current of 1.5 mA will secure the opto-coupler on state.
The CLT limiter is insensitive to the output voltage up to 2.0V. Therefore, its output is able to
drive any state of the art opto-coupler. Some additional device can be added in series with
the opto-coupler if the output voltage remains within its functional limits.
A stand-alone sensor is normally connected on the CLT input. For a good off state control,
its quiescent current has to be less than 1.5 mA (EN60947-5-2 standard compatible)
keeping then the opto-coupler off thanks to the CLT device (IOUT < 40 µA). And its maximum
ON state voltage VS-ON will be lower than 8 V (EN60947-5-2 standard compatible)
corresponding to the difference between the minimum supply voltage (VCC MIN = 19.2 V)
and the maximum current limitation activation voltage:
VCC MIN = VS-ON + VI
VI = VIN + RI x IIN MAX
(VI = 11 V when VIN = 5 V, RI = 1.2 kΩ, IIN < 3.7 mA).
2.2
Input reverse polarity robustness
Each input of the CLT device may be biased to a reverse polarity. This case corresponds to
a connection mistake or a reverse biasing that is generated by the demagnetization of a
monitored inductive solenoid.
The involved input can withstand the reverse current up to 20 mA (in the configuration
shown in Figure 10) through its input protection diode while its opto-coupler remains OFF.
Such a case is not critical for the CLT3-4 itself, as it represents less than 15 mW per
disturbed input. But the input resistors should be designed with care regardless of their
thermal characteristics (refer to Application note AN2527).
When the reverse polarity operation is required in types 3 input mode, it is recommended to
increase the input resistance RI to 1.8 kΩ in order to reduce its dissipation and keep the
input current below its maximum allowed level (20 mA). The surge and transient immunity
robustness of the CLT3 is then also increased.
A 1.8 k
Ω value allows the reverse input current to be reduced to 16.2 mA and the resistor
dissipation to be reduced to 0.47 W, for 30 V VCC and a - 30 V VI voltages.
The CLT3 normal operation in type 3 is fully compatible with this recommended resistance
since its internal state threshold is monitored at VIN = 4.2 V and VC = 10V - corresponding to
VI = 11 V and VCC = 19 V.
In type 1 input operation where RI = 2.2 kΩ the dissipation of this resistor is less than
0.39 W.
The other inputs remain operational, as long as the power supply is working properly
(VCC >19 V). Refer to Application note AN 2527 for representative application design case.


Similar Part No. - CLT3-4B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLT3-4B STMICROELECTRONICS-CLT3-4B Datasheet
191Kb / 13P
   Current limited over-voltage protected quad digital termination
CLT3-4BT6 STMICROELECTRONICS-CLT3-4BT6 Datasheet
99Kb / 10P
   CURRENT LIMITED OVER-VOLTAGE PROTECTED QUAD DIGITAL TERMINATION
CLT3-4BT6 STMICROELECTRONICS-CLT3-4BT6 Datasheet
191Kb / 13P
   Current limited over-voltage protected quad digital termination
CLT3-4BT6-TR STMICROELECTRONICS-CLT3-4BT6-TR Datasheet
99Kb / 10P
   CURRENT LIMITED OVER-VOLTAGE PROTECTED QUAD DIGITAL TERMINATION
CLT3-4BT6-TR STMICROELECTRONICS-CLT3-4BT6-TR Datasheet
191Kb / 13P
   Current limited over-voltage protected quad digital termination
More results

Similar Description - CLT3-4B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLT3-4BT6 STMICROELECTRONICS-CLT3-4BT6 Datasheet
99Kb / 10P
   CURRENT LIMITED OVER-VOLTAGE PROTECTED QUAD DIGITAL TERMINATION
CLT3-4B STMICROELECTRONICS-CLT3-4B Datasheet
191Kb / 13P
   Current limited over-voltage protected quad digital termination
PCLT-2A STMICROELECTRONICS-PCLT-2A Datasheet
569Kb / 18P
   Dual current limited over-voltage protected digital termination
AN2846 STMICROELECTRONICS-AN2846 Datasheet
1Mb / 35P
   The serial current limited termination device
CLT01-38S4 STMICROELECTRONICS-CLT01-38S4 Datasheet
290Kb / 8P
   High speed protected digital termination array
April 2013 Rev1
logo
Texas Instruments
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
[Old version datasheet]   QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Infineon Technologies A...
AUIRS2127S INFINEON-AUIRS2127S Datasheet
1Mb / 24P
   Over Current Protected Single Channel Driver
June 12th, 2012
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
logo
STMicroelectronics
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com