Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-36XXG Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # IRM-36XXG
Description  Infrared Remote Control Receiver Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-36XXG Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  IRM-36XXG Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-36XXG Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-36XXG Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-36XXG Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-36XXG Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-36XXG Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-36XXG Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-36XXG Datasheet HTML 8Page - Everlight Electronics Co., Ltd IRM-36XXG Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Infrared Remote Control
Receiver Module
IRM-36XXG Series
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 4 of 12
Device No:SZDMO-036-079
Prepared date:9-Jan-2008
Prepared by:Hao Liu
Test Method:
The specified electro-optical characteristics is satisfied under the following
Conditions at the controllable distance.
Measurement place
A place that is nothing of extreme light reflected in the room.
External light
Project the light of ordinary white fluorescent lamps which are not high
Frequency lamps and must be less then 10 Lux at the module surface.
(Ee≦10Lux)
Standard transmitter
A transmitter whose output is so adjusted as to Vo=400mVp-p and the output
Wave form shown in Fig.-1.According to the measurement method shown in
Fig.-2 the standard transmitter is specified.
However, the infrared photodiode to be used for the transmitter should be
λp=940nm, ∆λ=50nm. Regarding photo diode, sensitivity S=26nA/Lx
in case light source temperature 2856
°K, Ee=100Lx, Vr=5V.
Measuring system
According to the measuring system shown in Fig.-3
Block Diagram:
IN
Input
AGC
Control
Waveform
Rectifier
OUT
Oscillator
AGC
GND
VCC
42Kohm
Post
Amp.
BGR
BPF
Waveform
Detector &
ATC
Fc set
Trimming
Freq.
selection
IN
Input
AGC
Control
Waveform
Rectifier
OUT
Oscillator
AGC
GND
VCC
VCC
42Kohm
Post
Amp.
BGR
BGR
BPF
Waveform
Detector &
ATC
Fc set
Trimming
Freq.
selection


Similar Part No. - IRM-36XXG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-36XXG3 EVERLIGHT-IRM-36XXG3 Datasheet
310Kb / 12P
   Infrared Remote Control Receiver Module
IRM-36XXG4 EVERLIGHT-IRM-36XXG4 Datasheet
301Kb / 12P
   Infrared Remote Control Receiver Module
More results

Similar Description - IRM-36XXG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com