Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSS-505SYGWA Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELSS-505SYGWA
Description  0.51 Single Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSS-505SYGWA Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELSS-505SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSS-505SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSS-505SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSS-505SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSS-505SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSS-505SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSS-505SYGWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSS-505SYGWA Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.
2
Page 3 of 8
Device No: CDGS-505-004
Prepared date: 2005/09/20
Prepared by:
Angel Zhang
ELSS-505SYGWA/S530-E2
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Forward Voltage
VF
--
2.0
2.4
V
IF=20mA
Reverse Current
IR
--
--
10
μA
VR=5V
Per segment
4.0
10.8
----
Luminous
Intensity
Per decimal
point
IV
1.4
3.9
----
mcd
IF=10mA
Peak Wavelenght
λp
--
575
--
nm
IF=20mA
Dominant Wavelenght
λd
--
573
--
nm
IF=20mA
Spectrum Radiation
Bandwidth
△λ
--
20
--
nm
IF=20mA
Chromaticity Coordinates Specifications for Bin Grading (Unit: mcd)
Rank
Min.
Max.
Rank
Min.
Max.
N
4.0
6.4
T
21.0
34.0
P
5.6
8.9
U
30.0
48.0
Q
7.8
12.5
V
42.0
67.0
R
11.0
17.6
W
59.0
94.0
S
15.0
24.0
---
---
---


Similar Part No. - ELSS-505SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSS-506SYGWA EVERLIGHT-ELSS-506SYGWA Datasheet
171Kb / 8P
   0.51 Single Digit SMD Displays
ELSS-506SYGWA/S530-E2 EVERLIGHT-ELSS-506SYGWA/S530-E2 Datasheet
171Kb / 8P
   0.51 Single Digit SMD Displays
More results

Similar Description - ELSS-505SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSS-506SYGWA EVERLIGHT-ELSS-506SYGWA Datasheet
171Kb / 8P
   0.51 Single Digit SMD Displays
ELSD-506SURWA EVERLIGHT-ELSD-506SURWA Datasheet
228Kb / 8P
   0.51" Dual Digit SMD Displays
ELST-506SYGWA EVERLIGHT-ELST-506SYGWA Datasheet
209Kb / 8P
   0.51 Triple Digit SMD Displays
ELSF-506SYGWA EVERLIGHT-ELSF-506SYGWA Datasheet
221Kb / 8P
   0.51 Quadruple Digit SMD Displays
ELSD-506SYGWA EVERLIGHT-ELSD-506SYGWA Datasheet
217Kb / 8P
   0.51 Dual Digit SMD Displays
ELST-505SYGWA EVERLIGHT-ELST-505SYGWA Datasheet
210Kb / 6P
   0.51 Triple Digit SMD Displays
ELSD-505SYGWA EVERLIGHT-ELSD-505SYGWA Datasheet
202Kb / 8P
   0.51 Dual Digit SMD Displays
ELSF-505SYGWA EVERLIGHT-ELSF-505SYGWA Datasheet
223Kb / 8P
   0.51 Quadruple Digit SMD Displays
ELST-505SYGWA EVERLIGHT-ELST-505SYGWA_10 Datasheet
295Kb / 8P
   0.51" Triple Digit SMD Displays
logo
Inolux Corporation
HNSS51 INOLUX-HNSS51 Datasheet
10Mb / 19P
   0.51 Single Digit Numeric SMD Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com