Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSS-505SYGWA Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # ELSS-505SYGWA
Description  0.51 Single Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSS-505SYGWA Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  ELSS-505SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSS-505SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSS-505SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSS-505SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSS-505SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSS-505SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSS-505SYGWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSS-505SYGWA Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.
2
Page 8 of 8
Device No: CDGS-505-004
Prepared date: 2005/09/20
Prepared by:
Angel Zhang
ELSS-505SYGWA/S530-E2
Packing Quantity Specification
800PCS/Roll,1Roll/Small box, 6Small boxes/Box
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
DC: Year and weekly
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions for
using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any
damage resulting from use of the product which does not comply with the absolute maximum
ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without
EVERLIGHT’sconsent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Similar Part No. - ELSS-505SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSS-506SYGWA EVERLIGHT-ELSS-506SYGWA Datasheet
171Kb / 8P
   0.51 Single Digit SMD Displays
ELSS-506SYGWA/S530-E2 EVERLIGHT-ELSS-506SYGWA/S530-E2 Datasheet
171Kb / 8P
   0.51 Single Digit SMD Displays
More results

Similar Description - ELSS-505SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSS-506SYGWA EVERLIGHT-ELSS-506SYGWA Datasheet
171Kb / 8P
   0.51 Single Digit SMD Displays
ELSD-506SURWA EVERLIGHT-ELSD-506SURWA Datasheet
228Kb / 8P
   0.51" Dual Digit SMD Displays
ELST-506SYGWA EVERLIGHT-ELST-506SYGWA Datasheet
209Kb / 8P
   0.51 Triple Digit SMD Displays
ELSF-506SYGWA EVERLIGHT-ELSF-506SYGWA Datasheet
221Kb / 8P
   0.51 Quadruple Digit SMD Displays
ELSD-506SYGWA EVERLIGHT-ELSD-506SYGWA Datasheet
217Kb / 8P
   0.51 Dual Digit SMD Displays
ELST-505SYGWA EVERLIGHT-ELST-505SYGWA Datasheet
210Kb / 6P
   0.51 Triple Digit SMD Displays
ELSD-505SYGWA EVERLIGHT-ELSD-505SYGWA Datasheet
202Kb / 8P
   0.51 Dual Digit SMD Displays
ELSF-505SYGWA EVERLIGHT-ELSF-505SYGWA Datasheet
223Kb / 8P
   0.51 Quadruple Digit SMD Displays
ELST-505SYGWA EVERLIGHT-ELST-505SYGWA_10 Datasheet
295Kb / 8P
   0.51" Triple Digit SMD Displays
logo
Inolux Corporation
HNSS51 INOLUX-HNSS51 Datasheet
10Mb / 19P
   0.51 Single Digit Numeric SMD Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com