Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C160-50XB6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M27C160-50XB6
Description  16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C160-50XB6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M27C160-50XB6 Datasheet HTML 6Page - STMicroelectronics M27C160-50XB6 Datasheet HTML 7Page - STMicroelectronics M27C160-50XB6 Datasheet HTML 8Page - STMicroelectronics M27C160-50XB6 Datasheet HTML 9Page - STMicroelectronics M27C160-50XB6 Datasheet HTML 10Page - STMicroelectronics M27C160-50XB6 Datasheet HTML 11Page - STMicroelectronics M27C160-50XB6 Datasheet HTML 12Page - STMicroelectronics M27C160-50XB6 Datasheet HTML 13Page - STMicroelectronics M27C160-50XB6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
M27C160
10/19
PRESTO III Programming Algorithm
The PRESTO III Programming Algorithm allows
the whole array to be programed with a guaran-
teed margin in a typical time of 52.5 seconds. Pro-
gramming with PRESTO III consists of applying a
sequence of 50µs program pulses to each word
until a correct verify occurs (see Figure 11). During
programing and verify operation a MARGIN
MODE circuit is automatically activated to guaran-
tee that each cell is programed with enough mar-
gin. No overprogram pulse is applied since the
verify in MARGIN MODE provides the necessary
margin to each programmed cell.
Program Inhibit
Programming of multiple M27C160s in parallel
with different data is also easily accomplished. Ex-
cept for E, all like inputs including G of the parallel
M27C160 may be common. A TTL low level pulse
applied to a M27C160's E input and VPP at 12.5V,
will program that M27C160. A high level E input in-
hibits the other M27C160s from being pro-
grammed.
Program Verify
A verify (read) should be performed on the pro-
grammed bits to determine that they were correct-
ly programmed. The verify is accomplished with E
at VIH and G at VIL,VPP at 12.5V and VCC at
6.25V.
Figure 10. Programming and Verify Modes AC Waveforms
tAVEL
VALID
AI00744
A0-A19
Q0-Q15
BYTEVPP
VCC
G
DATA IN
DATA OUT
E
tQVEL
tVPHAV
tVCHAV
tEHQX
tELEH
tGLQV
tQXGL
tGHQZ
tGHAX
PROGRAM
VERIFY
Figure 11. Programming Flowchart
AI01044B
n = 0
Last
Addr
VERIFY
E = 50
µs Pulse
++n
= 25
++ Addr
VCC = 6.25V, VPP = 12.5V
FAIL
CHECK ALL WORDS
BYTEVPP =VIH
1st: VCC = 6V
2nd: VCC = 4.2V
YES
NO
YES
NO
YES
NO


Similar Part No. - M27C160-50XB6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C160-50XB6 STMICROELECTRONICS-M27C160-50XB6 Datasheet
258Kb / 26P
   16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
More results

Similar Description - M27C160-50XB6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V160 STMICROELECTRONICS-M27V160_06 Datasheet
238Kb / 25P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
M27V160 STMICROELECTRONICS-M27V160 Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
   8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
M27V320 STMICROELECTRONICS-M27V320 Datasheet
144Kb / 15P
   32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
August 2002
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May 1999
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
July 2000
M27C320 STMICROELECTRONICS-M27C320 Datasheet
94Kb / 15P
   32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com