Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL325 Datasheet(PDF) 2 Page - Supertex, Inc

Part # CL325
Description  3-Channel 25mA Linear LED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL325 Datasheet(HTML) 2 Page - Supertex, Inc

  CL325 Datasheet HTML 1Page - Supertex, Inc CL325 Datasheet HTML 2Page - Supertex, Inc CL325 Datasheet HTML 3Page - Supertex, Inc CL325 Datasheet HTML 4Page - Supertex, Inc CL325 Datasheet HTML 5Page - Supertex, Inc CL325 Datasheet HTML 6Page - Supertex, Inc CL325 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
CL325
EN1
GND
EN2
EN3
VIN
OUT3
OUT1
OUT2
Underside plate
is ground
Ordering Information
Device
8-Lead SOIC (w/Heat Slug)
CL325
CL325SG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
IN
-0.5V to +100V
Output voltage, V
OUT
-0.5V to +100V
Enable voltage, V
EN
-0.5V to +6.5V
Operating temperature(1)
-40°C
Storage temperature
-65°C to +150°C
Thermal Characteristics
Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level
may affect device reliability. All voltages are referenced to device ground.
Note:
(1) Maximum junction temperature internally limited.
Pin Configuration
8-Lead SOIC (w/Heat Slug) (SG)
Product Marking
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
CL325
LLLL
8-Lead SOIC (w/Heat Slug) (SG)
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
IN
Supply voltage
6.5
-
90
V
---
V
OUT
Output voltage
4.0
-
15
V
EN = 0
90
V
EN = 1
f
EN
Enable toggling frequency
0
-
100
kHz
---
T
J
Junction temperature
-40
-
119
oC
---
C
IN
V
IN capacitor
-
100
-
nF
---
Recommended Operating Conditions (all voltages with respect to GND pin)
Sym
Parameter
Min
Typ
Max
Units
Conditions
θ
JA
Thermal resistance,
junction to ambient
-
48
-
OC/W
Mounted on JEDEC test PCB (2s 2p)
T
LIM
Over-temperature limit
120
135
150
OC
---
T
HYS
Over-temperature hysteresis
-
30
-
OC
---


Similar Part No. - CL325

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
CL325 LUMINIS-CL325 Datasheet
134Kb / 2P
   Cast aluminum mounting box
logo
List of Unclassifed Man...
CL3256A ETC2-CL3256A Datasheet
166Kb / 14P
   Laser Processed Logic Device Family
December 2000
CL3256AQC208-10 ETC2-CL3256AQC208-10 Datasheet
166Kb / 14P
   Laser Processed Logic Device Family
December 2000
CL3256AQC208-5 ETC2-CL3256AQC208-5 Datasheet
166Kb / 14P
   Laser Processed Logic Device Family
December 2000
CL3256AQC208-6 ETC2-CL3256AQC208-6 Datasheet
166Kb / 14P
   Laser Processed Logic Device Family
December 2000
More results

Similar Description - CL325

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL325 SUTEX-CL325_08 Datasheet
604Kb / 7P
   3-Channel 25mA Linear LED Driver
CL330 SUTEX-CL330 Datasheet
745Kb / 7P
   3-Channel 30mA Linear LED Driver
CL320 SUTEX-CL320 Datasheet
744Kb / 7P
   3-Channel 20mA Linear LED Driver
CL330 SUTEX-CL330_08 Datasheet
606Kb / 7P
   3-Channel 30mA Linear LED Driver
logo
Panasonic Semiconductor
AN8377N PANASONIC-AN8377N Datasheet
50Kb / 4P
   3-channel Linear Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Texas Instruments
TPS92610-Q1 TI1-TPS92610-Q1_17 Datasheet
3Mb / 29P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
TPS92611-Q1 TI1-TPS92611-Q1 Datasheet
2Mb / 24P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
logo
E-CMOS Corporation
EC4216 E-CMOS-EC4216 Datasheet
372Kb / 5P
   Linear LED Driver
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com