Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELST-405SYGWA Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # ELST-405SYGWA
Description  0.39 Triple Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELST-405SYGWA Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  ELST-405SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELST-405SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELST-405SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELST-405SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELST-405SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELST-405SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELST-405SYGWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELST-405SYGWA Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.
2
Page: 6 of 8
Device No.: CDGT-405-003
Prepared date: 2007/5/7
Prepared by: Li Jing jing
ELST-405SYGWA/S530-E2
■ Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO
Item
Test
Conditions
Test
Hours/Cycle
Sample
Size
Failure
Judgment
Criteria
Ac/Re
1
Reflow
Soldering
TEMP:260°C±5°C
Min. 5 SEC
6 Min
22 PCS
0/1
2
Temperature
Cycle
H:+100°C 15min
5min
L:-40°C 15min
300 Cycles
22 PCS
0/1
3
Thermal
Shock
H:+100°C 5min
10 sec
L:-10°C 5min
300 Cycles
22 PCS
0/1
4
High
Temperature
Storage
TEMP:100°C
1000 HRS
22PCS
0/1
5
Low
Temperature
Storage
TEMP:-40°C
1000 HRS
22 PCS
0/1
6
DC Operating
Life
TEMP:25°C
If=10mA
1000 HRS
22 PCS
0/1
7
High
Temperature /
High
Humidity
85°C / 85% RH
1000 HRS
22 PCS
Iv≦Ivt*0.5
or
VF≧U
or
VF≦L
0/1
Note:Ivt:The test Iv value of the chip before the reliability test
Iv:The test value of the chip that has completed the reliability test
U:Upper Specification Limit
L: Lower Specification Limit


Similar Part No. - ELST-405SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELST-405SURWA EVERLIGHT-ELST-405SURWA Datasheet
304Kb / 8P
   0.39" Triple Digit SMD Displays
More results

Similar Description - ELST-405SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELST-405SURWA EVERLIGHT-ELST-405SURWA Datasheet
304Kb / 8P
   0.39" Triple Digit SMD Displays
ELST-406SURWA EVERLIGHT-ELST-406SURWA Datasheet
258Kb / 8P
   0.39" Triple Digit SMD Displays
ELST-406SYGWA EVERLIGHT-ELST-406SYGWA Datasheet
215Kb / 8P
   0.39" Triple Digit SMD Displays
ELSD-405SYGWA EVERLIGHT-ELSD-405SYGWA Datasheet
188Kb / 8P
   0.39 Single Digit SMD Displays
ELSF-405SYGWA EVERLIGHT-ELSF-405SYGWA Datasheet
211Kb / 8P
   0.39 Quadruple Digit SMD Displays
ELSS-406SYGWA EVERLIGHT-ELSS-406SYGWA Datasheet
168Kb / 8P
   0.39 Single Digit SMD Displays
ELSF-405SURWA EVERLIGHT-ELSF-405SURWA Datasheet
292Kb / 8P
   0.39" Quadruple Digit SMD Displays
ELSD-405SURWA EVERLIGHT-ELSD-405SURWA Datasheet
284Kb / 8P
   0.39" Dual Digit SMD Displays
ELSS-405SYGWA EVERLIGHT-ELSS-405SYGWA Datasheet
172Kb / 8P
   0.39 Single Digit SMD Displays
ELSD-406SYGWA EVERLIGHT-ELSD-406SYGWA Datasheet
287Kb / 8P
   0.39" Dual Digit SMD Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com