Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3105 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TLV320AIC3105
Description  LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV320AIC3105 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  TLV320AIC3105 Datasheet HTML 1Page - Burr-Brown (TI) TLV320AIC3105 Datasheet HTML 2Page - Burr-Brown (TI) TLV320AIC3105 Datasheet HTML 3Page - Burr-Brown (TI) TLV320AIC3105 Datasheet HTML 4Page - Burr-Brown (TI) TLV320AIC3105 Datasheet HTML 5Page - Burr-Brown (TI) TLV320AIC3105 Datasheet HTML 6Page - Burr-Brown (TI) TLV320AIC3105 Datasheet HTML 7Page - Burr-Brown (TI) TLV320AIC3105 Datasheet HTML 8Page - Burr-Brown (TI) TLV320AIC3105 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
www.ti.com
TLV320AIC3105
SLAS513A – FEBRUARY 2007 – REVISED JULY 2007
Table 1. TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
QFN NO.
I/O
AVDD
25
I
Analog DAC voltage supply, 2.7 V–3.6 V
AVSS1
17
I
Analog ADC ground supply, 0 V
AVSS2
26
I
Analog DAC ground supply, 0 V
BCLK
2
I/O
Audio serial data bus bit clock input/output
DIN
4
I
Audio serial data bus data input
DOUT
5
O
Audio serial data bus data output
DRVDD
18
O
Analog ADC and output driver voltage supply, 2.7 V–3.6 V
DRVDD
24
O
Analog output driver voltage supply, 2.7 V–3.6 V
DRVSS
21
O
Analog output driver ground supply, 0 V
DVDD
32
I
Digital core voltage supply, 1.525 V–1.95 V
DVSS
6
I/O
Digital core / I/O ground supply, 0 V
HPLCOM
20
O
High-power output driver (left – or multifunctional)
HPLOUT
19
O
High-power output driver (left +)
HPRCOM
22
O
High-power output driver (right – or multifunctional)
HPROUT
23
O
High-power output driver (right +)
IOVDD
7
I/O
Digital I/O voltage supply, 1.1 V–3.6 V
LEFT_LOM
28
O
Left line output (–)
LEFT_LOP
27
O
Left line output (+)
MCLK
1
I
Master clock input
MIC1L/LINE1L
10
I
Left input 1
MIC1R/LINE1R
11
I
Right input 1
MIC2L/LINE2L
12
I
Left input 2
MIC2R/LINE2R
13
I
Right input 2
MIC3L/LINE3L/MICDET
14
I
Left input 3; can support microphone detection
MIC3R/LINE3R
16
I
Right input 3
MICBIAS
15
O
Microphone bias voltage output
RESET
31
Reset
RIGHT_LOM
30
O
Right line output (–)
RIGHT_LOP
29
O
Right line output (+)
SCL
8
I/O
I2C serial clock input
SDA
9
I/O
I2C serial data input/output
WCLK
3
I/O
Audio serial data bus word clock input/output
5
Submit Documentation Feedback


Similar Part No. - TLV320AIC3105

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3105 TI-TLV320AIC3105 Datasheet
4Mb / 109P
[Old version datasheet]   TLV320AIC3106 Low-Power Stereo Audio CODEC for Portable Audio/Telephony
logo
Burr-Brown (TI)
TLV320AIC3105IRHBR BURR-BROWN-TLV320AIC3105IRHBR Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3105IRHBR TI1-TLV320AIC3105IRHBR Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
More results

Similar Description - TLV320AIC3105

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com