Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD42-21C Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # PD42-21C
Description  1.8mm Round Subminiature Silicin PIN Photodiode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD42-21C Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  PD42-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd PD42-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD42-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD42-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD42-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD42-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD42-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd PD42-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd PD42-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 3 of 10
Device No:DTD-042-042
Prepared date:04-25-2006
Prepared by:Jaine Tsai
PD42-21C/TR8
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Rang Of Spectral Bandwidth
λ0.5
---
400
---
1100
nm
Wavelength Of Peak Sensitivity
λP
---
---
940
---
nm
Open-Circuit Voltage
VOC
Ee=5mW /cm
2
λP=940nm
---
0.42
---
V
Short-Circuit Current
ISC
Ee=1mW /cm
2
λP=875nm
2.0
5.0
12
μA
Reverse Light Current
IL
Ee=1mW /cm
2
λP=875nm
VR=5V
2.0
5.0
12
μA
Dark Current
ID
Ee=0mW /cm
2
VR=10V
---
---
10
nA
Reverse Breakdown Voltage
BVR
Ee=0mW /cm
2
IR=100μA
32
170
---
V
Total Capacitance
Ct
Ee=0mW /cm
2
f=1MHz
VR=5V
---
5
---
pF
Rise Time
tr
---
6
---
Fall Time
tf
VR=10V
RL=1000Ω
---
6
---
nS


Similar Part No. - PD42-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PD42-21C-TR8 EVERLIGHT-PD42-21C-TR8 Datasheet
162Kb / 10P
   1.8mm Round Subminiature Silicin PIN Photodiode
More results

Similar Description - PD42-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PD42-21B EVERLIGHT-PD42-21B Datasheet
185Kb / 10P
   1.8mm Round Subminiature Silicin PIN Photodiode
EAPDST3224A3 EVERLIGHT-EAPDST3224A3 Datasheet
468Kb / 9P
   1.8mm Round Subminiature Silicin PIN Photodiode
PD42-21B-TR8 EVERLIGHT-PD42-21B-TR8 Datasheet
190Kb / 10P
   1.8mm Round Subminiature Silicin PIN Photodiode
PD42-21C-TR8 EVERLIGHT-PD42-21C-TR8 Datasheet
162Kb / 10P
   1.8mm Round Subminiature Silicin PIN Photodiode
EAPDST3224A2 EVERLIGHT-EAPDST3224A2 Datasheet
377Kb / 8P
   1.8mm Round Subminiature Silicon PIN Photodiode
PD15-22C-TR8 EVERLIGHT-PD15-22C-TR8 Datasheet
162Kb / 9P
   Silicin PIN Photodiode
PD15-21B EVERLIGHT-PD15-21B Datasheet
199Kb / 10P
   Silicin PIN Photodiode
PD15-21B-TR8 EVERLIGHT-PD15-21B-TR8 Datasheet
202Kb / 10P
   1206 Package Silicin PIN Photodiode
EAPDST3215A0 EVERLIGHT-EAPDST3215A0 Datasheet
518Kb / 9P
   1206 Package Silicin PIN Photodiode
logo
List of Unclassifed Man...
IR42-21C ETC-IR42-21C Datasheet
201Kb / 9P
   1.8MM ROUND SUBMINIATURE INFRARED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com