Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2335 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2335
Description  0.05 mV/째C MAX, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2335 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA2335 Datasheet HTML 3Page - Burr-Brown (TI) OPA2335 Datasheet HTML 4Page - Burr-Brown (TI) OPA2335 Datasheet HTML 5Page - Burr-Brown (TI) OPA2335 Datasheet HTML 6Page - Burr-Brown (TI) OPA2335 Datasheet HTML 7Page - Burr-Brown (TI) OPA2335 Datasheet HTML 8Page - Burr-Brown (TI) OPA2335 Datasheet HTML 9Page - Burr-Brown (TI) OPA2335 Datasheet HTML 10Page - Burr-Brown (TI) OPA2335 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
0
20
40
60
80
100
120
140
f − Frequency − Hz
10
100
1M
1k
10k
G013
100k
+PSRR
−PSRR
VCC − Supply Voltage − V
10.0
10.1
10.2
10.3
10.4
10.5
10.6
10.7
10.8
10.9
11.0
2.7
3.2
3.7
4.2
4.7
5.2
G014
t − Time − 10 s/div
G016
f − Frequency − Hz
1
100
1k
100k
10
100
1k
10k
G015
10
OPA2335M
SGLS320 – SEPTEMBER 2006
TYPICAL CHARACTERISTICS (continued)
At T
A = 25°C, VS = +5 V, RL = 10 kΩ connected to VS/2 and VOUT = VS/2 (unless otherwise noted)
POWER-SUPPLY REJECTION RATIO
SAMPLING FREQUENCY
vs
vs
FREQUENCY
SUPPLY VOLTAGE
Figure 13.
Figure 14.
NOISE
vs
FREQUENCY
0.01-Hz TO 10-Hz NOISE
Figure 15.
Figure 16.
7
Submit Documentation Feedback


Similar Part No. - OPA2335

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2335 BURR-BROWN-OPA2335 Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA2335 BURR-BROWN-OPA2335 Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA2335AID BURR-BROWN-OPA2335AID Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA2335AID BURR-BROWN-OPA2335AID Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2335AID TI1-OPA2335AID Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
More results

Similar Description - OPA2335

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Burr-Brown (TI)
OPA334 BURR-BROWN-OPA334_12 Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA734 TI-OPA734 Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
New Japan Radio
NJU7098AF1-C NJRC-NJU7098AF1-C Datasheet
1Mb / 16P
   0.05μV/°C max, Zero-Drift, Single Supply, Rail-to-Rail Output CMOS Operational Amplifier
Ver.1.0
NJU7098A NJRC-NJU7098A Datasheet
1,018Kb / 13P
   0.05μV/°C max, Zero-Drift, Single Supply Rail-to-Rail Output CMOS Operational Amplifier
Ver.02
logo
Burr-Brown (TI)
OPA335 BURR-BROWN-OPA335 Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com