Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALVTH16374 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN54ALVTH16374
Description  2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALVTH16374 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54ALVTH16374_08 Datasheet HTML 4Page - Texas Instruments SN54ALVTH16374_08 Datasheet HTML 5Page - Texas Instruments SN54ALVTH16374_08 Datasheet HTML 6Page - Texas Instruments SN54ALVTH16374_08 Datasheet HTML 7Page - Texas Instruments SN54ALVTH16374_08 Datasheet HTML 8Page - Texas Instruments SN54ALVTH16374_08 Datasheet HTML 9Page - Texas Instruments SN54ALVTH16374_08 Datasheet HTML 10Page - Texas Instruments SN54ALVTH16374_08 Datasheet HTML 11Page - Texas Instruments SN54ALVTH16374_08 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
Timing Requirements
Timing Requirements
SN54ALVTH16374,, SN74ALVTH16374
2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCES068G – JUNE 1996 – REVISED NOVEMBER 2006
over recommended operating free-air temperature range V
CC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
SN54ALVTH16374(1)
SN74ALVTH16374
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
MHz
tw
Pulse duration, CLK high or low
1.5
1.5
ns
Data high
1.1
1
tsu
Setup time, data before CLK
ns
Data low
1.4
1.3
Data high
0.6
0.5
th
Hold time, data after CLK
ns
Data low
0.9
0.8
(1)
Product preview
over recommended operating free-air temperature range V
CC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 2)
SN54ALVTH16374(1)
SN74ALVTH16374
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
25
250
MHz
tw
Pulse duration, CLK high or low
1.5
1.5
ns
Data high
1.1
1
tsu
Setup time, data before CLK
ns
Data low
1.6
1.5
Data high
0.6
0.5
th
Hold time, data after CLK
ns
Data low
1.1
1
(1)
Product preview
8
Submit Documentation Feedback


Similar Part No. - SN54ALVTH16374_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH16374WD TI-SN54ALVTH16374WD Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ALVTH16374_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH16374 TI-SN54ALVTH16374 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH32374 TI-SN54ALVTH32374_08 Datasheet
520Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH32374 TI-SN54ALVTH32374 Datasheet
179Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH32374ZKER TI-74ALVTH32374ZKER Datasheet
888Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI1-SN54LVTH162374_14 Datasheet
942Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI-SN54LVTH162374_07 Datasheet
599Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI-SN54LVTH162374 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Texas Instruments
SN54LVT574 TI-SN54LVT574 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com