Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHCT00PWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT00PWR
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT00PWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AHCT00PWR Datasheet HTML 7Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 8Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 9Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 10Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 11Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 12Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 13Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 14Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MECHANICAL DATA
MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
4040065 /E 12/01
28 PINS SHOWN
Gage Plane
8,20
7,40
0,55
0,95
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
0,09
0,25
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150


Similar Part No. - SN74AHCT00PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT00PWR TI-SN74AHCT00PWR Datasheet
633Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00PWR TI-SN74AHCT00PWR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00PWR TI-SN74AHCT00PWR Datasheet
2Mb / 40P
[Old version datasheet]   SNx4AHCT00 Quadruple 2-Input Positive-NAND Gates
REVISED MAY 2023
SN74AHCT00PWRE4 TI-SN74AHCT00PWRE4 Datasheet
633Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00PWRE4 TI-SN74AHCT00PWRE4 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74AHCT00PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com