Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVTH16374VRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74ALVTH16374VRE4
Description  2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ALVTH16374VRE4 Datasheet(HTML) 5 Page - Texas Instruments

  74ALVTH16374VRE4 Datasheet HTML 1Page - Texas Instruments 74ALVTH16374VRE4 Datasheet HTML 2Page - Texas Instruments 74ALVTH16374VRE4 Datasheet HTML 3Page - Texas Instruments 74ALVTH16374VRE4 Datasheet HTML 4Page - Texas Instruments 74ALVTH16374VRE4 Datasheet HTML 5Page - Texas Instruments 74ALVTH16374VRE4 Datasheet HTML 6Page - Texas Instruments 74ALVTH16374VRE4 Datasheet HTML 7Page - Texas Instruments 74ALVTH16374VRE4 Datasheet HTML 8Page - Texas Instruments 74ALVTH16374VRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Recommended Operating Conditions
(1)
SN54ALVTH16374,, SN74ALVTH16374
2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCES068G – JUNE 1996 – REVISED NOVEMBER 2006
V
CC = 2.5 V ± 0.2 V
SN54ALVTH16374(2)
SN74ALVTH16374
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VCC
Supply voltage
2.3
2.7
2.3
2.7
V
VIH
High-level input voltage
1.7
1.7
V
VIL
Low-level input voltage
0.7
0.7
V
VI
Input voltage
0
VCC
5.5
0
VCC
5.5
V
IOH
High-level output current
–6
–8
mA
Low-level output current
6
8
IOL
mA
Low-level output current; current duty cycle
≤ 50%; f ≥ 1 kHz
18
24
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
10
ns/V
∆t/∆V
CC
Power-up ramp rate
200
200
µs/V
TA
Operating free-air temperature
–55
125
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
Product preview
V
CC = 3.3 V ± 0.3 V
SN54ALVTH16374(2)
SN74ALVTH16374
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VCC
Supply voltage
3
3.6
3
3.6
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
5.5
0
VCC
5.5
V
IOH
High-level output current
–24
–32
mA
Low-level output current
24
32
IOL
mA
Low-level output current; current duty cycle
≤ 50%; f ≥ 1 kHz
48
64
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
10
ns/V
∆t/∆V
CC
Power-up ramp rate
200
200
µs/V
TA
Operating free-air temperature
–55
125
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
Product preview
5
Submit Documentation Feedback


Similar Part No. - 74ALVTH16374VRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVTH16374VRE4 TI-74ALVTH16374VRE4 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVTH16374VRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH16374 TI-SN54ALVTH16374 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH32374 TI-SN54ALVTH32374_08 Datasheet
520Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH32374 TI-SN54ALVTH32374 Datasheet
179Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH32374ZKER TI-74ALVTH32374ZKER Datasheet
888Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI1-SN54LVTH162374_14 Datasheet
942Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI-SN54LVTH162374_07 Datasheet
599Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI-SN54LVTH162374 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Texas Instruments
SN54LVT574 TI-SN54LVT574 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com