Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVTH16374VR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVTH16374VR
Description  2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVTH16374VR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ALVTH16374VR Datasheet HTML 5Page - Texas Instruments SN74ALVTH16374VR Datasheet HTML 6Page - Texas Instruments SN74ALVTH16374VR Datasheet HTML 7Page - Texas Instruments SN74ALVTH16374VR Datasheet HTML 8Page - Texas Instruments SN74ALVTH16374VR Datasheet HTML 9Page - Texas Instruments SN74ALVTH16374VR Datasheet HTML 10Page - Texas Instruments SN74ALVTH16374VR Datasheet HTML 11Page - Texas Instruments SN74ALVTH16374VR Datasheet HTML 12Page - Texas Instruments SN74ALVTH16374VR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN54ALVTH16374,, SN74ALVTH16374
2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCES068G – JUNE 1996 – REVISED NOVEMBER 2006
over recommended operating free-air temperature range, C
L = 30 pF, VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see
Figure 1)
SN54ALVTH16374(1)
SN74ALVTH16374
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
150
150
MHz
tPLH
1.4
3.9
1.5
3.8
CLK
Q
ns
tPHL
1.4
3.9
1.5
3.8
tPZH
1
4.2
1
4.1
OE
Q
ns
tPZL
1
3.8
1
3.7
tPHZ
1.7
4.3
1.8
4.2
OE
Q
ns
tPLZ
1
3.5
1
3.4
(1)
Product preview
over recommended operating free-air temperature range, C
L = 50 pF, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see
Figure 2)
SN54ALVTH16374(1)
SN74ALVTH16374
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
250
250
MHz
tPLH
1
3.4
1
3.2
CLK
Q
ns
tPHL
1
3.3
1
3.2
tPZH
1
3.9
1
3.8
OE
Q
ns
tPZL
1
3.4
1
3.3
tPHZ
1
4.7
1
4.6
OE
Q
ns
tPLZ
1
4.4
1
4.2
(1)
Product preview
9
Submit Documentation Feedback


Similar Part No. - SN74ALVTH16374VR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVTH16374VR TI-SN74ALVTH16374VR Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVTH16374VR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH16374 TI-SN54ALVTH16374 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH32374 TI-SN54ALVTH32374_08 Datasheet
520Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH32374 TI-SN54ALVTH32374 Datasheet
179Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH32374ZKER TI-74ALVTH32374ZKER Datasheet
888Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI1-SN54LVTH162374_14 Datasheet
942Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI-SN54LVTH162374_07 Datasheet
599Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI-SN54LVTH162374 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Texas Instruments
SN54LVT574 TI-SN54LVT574 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com