Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP8056TS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CP8056TS
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP8056TS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CP8056TS Datasheet HTML 1Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 2Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 3Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 4Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 5Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 6Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 7Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 8Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
CHENGPIN
CP8056
P.5/
CP8056
1.2 Data Memory Organization
Data memory is composed of Special Function Registers and General Purpose Registers.
The General Purpose Registers are accessed either directly or indirectly through the FSR register.
The Special Function Registers are registers used by the CPU and peripheral functions to control the operation of
the device.
TABLE 1.1: Registers File Map for
CP8056 Series
Address
Description
00h
INDF
01h
TMR0
02h
PCL
N/A
OPTION
03h
STATUS
04h
FSR
05h
PORTA
05h
IOSTA
06h
PORTB
06h
IOSTB
07h
General Purpose Register
08h
PCON
09h
WUCON
0Ah
PCHBUF
0Bh
PDCON
0Ch
ODCON
0Dh
PHCON
0Eh
INTEN
0Fh
INTFLAG
10h ~ 3Fh
General Purpose Registers
TABLE 1.2: The Registers Controlled by OPTION or IOST Instructions
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
N/A (w)
OPTION
-
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
05h (w)
IOSTA
Port A I/O Control Register
06h (w)
IOSTB
Port B I/O Control Register
TABLE 1.3: Operational Registers Map
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
00h (r/w)
INDF
Uses contents of FSR to address data memory (not a physical register)
01h (r/w)
TMR0
8-bit real-time clock/counter
02h (r/w)
PCL
Low order 8 bits of PC
03h (r/w)
STATUS
GP2
GP1
GP0
TO
PD
Z
DC
C
04h (r/w)
FSR
*
*
Indirect data memory address pointer
05h (r/w)
PORTA
-
-
-
-
IOA3
IOA2
IOA1
IOA0
06h (r/w)
PORTB
IOB7
IOB6
IOB5
IOB4
IOB3
IOB2
IOB1
IOB0
07h (r/w)
SRAM
General Purpose Registers
08h (r/w)
PCON
WDTE
EIS
LVDTE
ROC
-
-
-
-
09h (r/w)
WUCON
WUB7
WUB6
WUB5
WUB4
WUB3
WUB2
WUB1
WUB0
0Ah (r/w)
PCHBUF
(1)
-
-
-
-
-
2 MSBs Buffer of PC
0Bh (r/w)
PDCON
/PDB3
/PDB2
/PDB1
/PDB0
/PDA3
/PDA2
/PDA1
/PDA0
0Ch (r/w)
ODCON
ODB7
ODB6
ODB5
ODB4
ODB3
ODB2
ODB1
ODB0
0Dh (r/w)
PHCON
/PHB7
/PHB6
/PHB5
/PHB4
/PHB3
/PHB2
/PHB1
/PHB0
0Eh (r/w)
INTEN
GIE
-
-
-
-
INTIE
PBIE
T0IE
0Fh (r/w)
INTFLAG
-
-
-
-
-
INTIF
PBIF
T0IF
Legend: - = unimplemented, read as ‘0’, * = unimplemented, read as ‘1’
Note 1 : There are 2 bits in
CP8056.


Similar Part No. - CP8056TS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP805-CXDM4060P CENTRAL-CP805-CXDM4060P Datasheet
358Kb / 3P
   P-Channel MOSFET Die Enhancement-Mode
R1 17-February 2021
CP805-CXDM4060P-CT CENTRAL-CP805-CXDM4060P-CT Datasheet
959Kb / 6P
   P-Channel MOSFET Die Enhancement-Mode
R1 28-March 2019
CP805-CXDM4060P-WN CENTRAL-CP805-CXDM4060P-WN Datasheet
959Kb / 6P
   P-Channel MOSFET Die Enhancement-Mode
R1 28-March 2019
More results

Similar Description - CP8056TS

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
TLC156 ETC1-TLC156 Datasheet
552Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com