Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48B12T500A Datasheet(PDF) 2 Page - Vicor Corporation

Part # V48B12T500A
Description  24Vin / 28Vout / 400Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48B12T500A Datasheet(HTML) 2 Page - Vicor Corporation

  V48B12T500A Datasheet HTML 1Page - Vicor Corporation V48B12T500A Datasheet HTML 2Page - Vicor Corporation V48B12T500A Datasheet HTML 3Page - Vicor Corporation V48B12T500A Datasheet HTML 4Page - Vicor Corporation V48B12T500A Datasheet HTML 5Page - Vicor Corporation V48B12T500A Datasheet HTML 6Page - Vicor Corporation V48B12T500A Datasheet HTML 7Page - Vicor Corporation V48B12T500A Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V24A28C400A DC-DC Converter
Rev. 5.2
Page 2 of 8
Set your site on VICOR at www.vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
18
24
36
Vdc
Input surge withstand
50
Vdc
<100ms
Output voltage setpoint
27.72
28.00
28.28
Vdc
Nominal input; full load; 25°C
Output OVP setpoint
31.5
32.7
33.9
Vdc
25°C; recycle input voltage to restart ( 1 minute off )
Output power
400
Watts
At 100°C baseplate temperature
Efficiency
87.5
88.5
%
Nominal input; 75% of full load; 25°C
Parameter
Min
Typ
Max
Unit
Notes
Line regulation
±0.02
±0.20
%
Low line to high line; full load
Load regulation
±0.06
±0.20
%
No load to full load; nominal input
Temperature regulation
±0.002
±0.005
% / °C
Over operating temperature range
Ripple and noise, p-p
70
88
mV
Nominal input, full load; 25°C; 20MHz bandwidth
Current limit
14.5
16.4
19.4
Amps
Output voltage 95% of nominal
Short circuit current
10.0
16.4
19.4
Amps
Output voltage <250mV
Power sharing accuracy
±2
±5
%
10 to 100% of full load
Programming range
10
110
%
Of nominal output voltage. For trimming below
90% of nominal, a minimum load of 10% of
maximum rated power may be required.
Parameter
Min
Typ
Max
Unit
Notes
Undervoltage turn-on
17.5
17.9
Vdc
Undervoltage turn-off
14.77
15.30
Vdc
Overvoltage turn-off/on
36.3
37.8
39.6
Vdc
Dissipation, standby
6.3
9.5
Watts
No load
MODULE OPERATING SPECIFICATIONS
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Baseplate
Slotted (Style 1)
Slotted baseplate (style 1) requires no designator.
For threaded baseplate add a "2" to the end of the
part number. For thru-hole add a "3".
Pin style
Short (Style 1)
For long pin configuration add “L” to the end of the
part number. See page 7 for pin dimensions.
MODULE MECHANICAL SPECIFICATIONS
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading,
contact Vicor applications engineering at 800-927-9474.


Similar Part No. - V48B12T500A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48B12T500A VICOR-V48B12T500A Datasheet
192Kb / 8P
   48Vin / 12Vout / 500Watts DC-DC Converter Module
V48B12T500A VICOR-V48B12T500A Datasheet
207Kb / 8P
   300Vin / 3.3Vout / 264Watts DC-DC Converter Module
V48B12T500A VICOR-V48B12T500A Datasheet
194Kb / 8P
   24Vin / 3.3Vout / 264Watts DC-DC Converter Module
V48B12T500A VICOR-V48B12T500A Datasheet
194Kb / 8P
   48Vin / 24Vout / 500Watts DC-DC Converter Module
V48B12T500A VICOR-V48B12T500A Datasheet
195Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
More results

Similar Description - V48B12T500A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A28C400B VICOR-V24A28C400B Datasheet
150Kb / 8P
   24Vin / 28Vout / 400Watts DC-DC Converter Module
V24A12C400B VICOR-V24A12C400B Datasheet
150Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24A48C400B VICOR-V24A48C400B Datasheet
151Kb / 8P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
V24A5C400B VICOR-V24A5C400B Datasheet
148Kb / 8P
   24Vin / 5Vout / 400Watts DC-DC Converter Module
V24A12C400A VICOR-V24A12C400A Datasheet
195Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24A15C400B VICOR-V24A15C400B Datasheet
150Kb / 8P
   24Vin / 15Vout / 400Watts DC-DC Converter Module
V24A24C400B VICOR-V24A24C400B Datasheet
150Kb / 8P
   24Vin / 24Vout / 400Watts DC-DC Converter Module
VI-982437 VICOR-VI-982437 Datasheet
193Kb / 9P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
V24C28C100A VICOR-V24C28C100A Datasheet
526Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
V24B28C200B VICOR-V24B28C200B Datasheet
148Kb / 8P
   24Vin / 28Vout / 200Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com