Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELS-316SURWA Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELS-316SURWA
Description  0.36 Single Digit Displays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-316SURWA Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELS-316SURWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-316SURWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-316SURWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-316SURWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-316SURWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELS-316SURWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELS-316SURWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
DATA SHEET
PART NO.
ELS-316SURWA/S530-A3
DATE
2004/6/24
DEPARTMENT:
CHRD1
.
REVISION
3
RECEIVED
■ MASS PRODUCTION
□ PRELIMINARY
□ CUSTOMER DESIGN
DEVICE NUMBER :
CDDS-316-021
PAGE :
6
CUSTOMER
DESIGNER
CHECKER
APPROVER
REV.
DESCRIPTION
RELEASE DATE
OFFICE: 7C BUILDING, LIAN HUA PORT INDUSTRIAL DISTRICT, LIAN HUA SHAN
BONDED PRICESSING ZONE PAN YU, GUANG ZHU, CHINA
TEL.
: (020)84860913,84860914
FAX
: (020)84860600
http : //www.everlight.com
/


Similar Part No. - ELS-316SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-316SYGWA EVERLIGHT-ELS-316SYGWA Datasheet
114Kb / 6P
   0.36 Single Digit Displays
ELS-316SYGWA/S530-E2 EVERLIGHT-ELS-316SYGWA/S530-E2 Datasheet
114Kb / 6P
   0.36 Single Digit Displays
More results

Similar Description - ELS-316SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-315SURWA-S530-A3 EVERLIGHT-ELS-315SURWA-S530-A3 Datasheet
125Kb / 7P
   0.36" Single Digit Displays
ELS-316USOWA EVERLIGHT-ELS-316USOWA Datasheet
113Kb / 6P
   0.36 Single Digit Displays
ELS-315SURWA EVERLIGHT-ELS-315SURWA Datasheet
120Kb / 7P
   0.36 Single Digit Displays
ELS-315SYGWA EVERLIGHT-ELS-315SYGWA Datasheet
109Kb / 6P
   0.36 Single Digit Displays
ELS-316SYGWA EVERLIGHT-ELS-316SYGWA Datasheet
114Kb / 6P
   0.36 Single Digit Displays
ELS-315SYGWA-S530-E2 EVERLIGHT-ELS-315SYGWA-S530-E2 Datasheet
115Kb / 6P
   0.36" Single Digit Displays
logo
Micro Electronics
MG136A-3 MICRO-ELECTRONICS-MG136A-3 Datasheet
56Kb / 2P
   0.36 SINGLE DIGIT NUMBERIC DISPLAYS
MU336A MICRO-ELECTRONICS-MU336A Datasheet
71Kb / 2P
   0.36 SINGLE DIGIT NUMBERIC DISPLAYS
MU136A-NP MICRO-ELECTRONICS-MU136A-NP Datasheet
59Kb / 2P
   0.36 SINGLE DIGIT NUMBERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-367P LITEON-LTS-367P Datasheet
581Kb / 4P
   0.36 Single Digit Numeric LED Displays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com