Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12-23A-R6GHBHC-A01-2D Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 12-23A-R6GHBHC-A01-2D
Description  Full Color Chip LED (Chip LED with Right Angle Lens)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

12-23A-R6GHBHC-A01-2D Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 12-23A-R6GHBHC-A01-2D Datasheet HTML 4Page - Everlight Electronics Co., Ltd 12-23A-R6GHBHC-A01-2D Datasheet HTML 5Page - Everlight Electronics Co., Ltd 12-23A-R6GHBHC-A01-2D Datasheet HTML 6Page - Everlight Electronics Co., Ltd 12-23A-R6GHBHC-A01-2D Datasheet HTML 7Page - Everlight Electronics Co., Ltd 12-23A-R6GHBHC-A01-2D Datasheet HTML 8Page - Everlight Electronics Co., Ltd 12-23A-R6GHBHC-A01-2D Datasheet HTML 9Page - Everlight Electronics Co., Ltd 12-23A-R6GHBHC-A01-2D Datasheet HTML 10Page - Everlight Electronics Co., Ltd 12-23A-R6GHBHC-A01-2D Datasheet HTML 11Page - Everlight Electronics Co., Ltd 12-23A-R6GHBHC-A01-2D Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
12-23A/R6GHBHC-A01/2D
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 10 of 12
Device No:DSE-123-004
Prepared date: 07-26-2005
Prepared by: Jeff Tasi
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below.
Confidence level : 90 %
LTPD : 10 %
No.
Items
Test Condition
Test
Hours/Cycles
Sample
Size
Ac/Rc
1
Reflow
Temp. : 240℃±5℃
Min. 5 sec.
6 min.
22 Pcs.
0/1
2
Temperature Cycle
H : +100℃ 15min.
∫ 5 min.
L : -40℃ 15min.
300 Cycles
22 Pcs.
0/1
3
Thermal Shock
H : +100℃ 5min.
∫ 10 sec.
L : -10℃ 5min.
300 Cycles
22 Pcs.
0/1
4
High Temperature
Storage
Temp. : 100℃
1000 Hrs.
22 Pcs.
0/1
5
Low Temperature
Storage
Temp. : -55℃
1000 Hrs.
22 Pcs.
0/1
6
DC Operating Life
IF = 20 mA
1000 Hrs.
22 Pcs.
0/1
7
High Temperature
/ High Humidity
85℃/R.H85%
1000 Hrs.
22 Pcs.
0/1


Similar Part No. - 12-23A-R6GHBHC-A01-2D

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-23C EVERLIGHT-12-23C Datasheet
215Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
12-23C-R6GHBHC-A01-2C EVERLIGHT-12-23C-R6GHBHC-A01-2C Datasheet
226Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
12-23C-R6GHBHC-A01-2C EVERLIGHT-12-23C-R6GHBHC-A01-2C Datasheet
224Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
logo
HK TO-GRACE TECHNOLOGY ...
12-23C-R6GHBHC-A01-2C TO-GRACE-12-23C-R6GHBHC-A01-2C Datasheet
996Kb / 11P
   Package in 8mm tape on 7?엀iameter reel.
logo
Everlight Electronics C...
12-23C-R6GHBHC-A01-2C EVERLIGHT-12-23C-R6GHBHC-A01-2C_08 Datasheet
160Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
More results

Similar Description - 12-23A-R6GHBHC-A01-2D

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-23C-S2GHBHC-A01-2C EVERLIGHT-12-23C-S2GHBHC-A01-2C Datasheet
220Kb / 13P
   Full Color Chip LED (Chip LED with Right Angle Lens)
12-23C-R6GHBHC-A01-2C EVERLIGHT-12-23C-R6GHBHC-A01-2C_11 Datasheet
224Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
12-23C-R6GHBHC-A01-2C EVERLIGHT-12-23C-R6GHBHC-A01-2C_08 Datasheet
160Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
22-23-R6GHBHC-A01-2C EVERLIGHT-22-23-R6GHBHC-A01-2C Datasheet
247Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
12-23C EVERLIGHT-12-23C Datasheet
215Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
12-23C-S2GHBHC-A01-2C EVERLIGHT-12-23C-S2GHBHC-A01-2C_04 Datasheet
220Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
logo
HK TO-GRACE TECHNOLOGY ...
12-23C-S2GHBHC-A01-2C TO-GRACE-12-23C-S2GHBHC-A01-2C Datasheet
988Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
logo
Everlight Electronics C...
12-23C-R6GHBHC-A01-2C EVERLIGHT-12-23C-R6GHBHC-A01-2C Datasheet
226Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
22-23C-R6GHBHW-C01-2C EVERLIGHT-22-23C-R6GHBHW-C01-2C Datasheet
237Kb / 13P
   Full Color Chip LED (Chip LED with Right Angle Lens)
logo
TAITRON Components Inco...
TFPR-QTB1FA2714 TAITRON-TFPR-QTB1FA2714 Datasheet
394Kb / 11P
   Full Color Chip LED With Right Angle Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com