Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELS-515USOWA Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # ELS-515USOWA
Description  0.52 Single Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-515USOWA Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  ELS-515USOWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-515USOWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-515USOWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-515USOWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-515USOWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELS-515USOWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.52" Single Digit Displays
ELS-515USOWA/S530-A3
█ Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below.
Confidence level:97%
LTPD:3%
NO
Item
Test Conditions
Test
Hours/Cycle
Sample Size
Failure
Judgment
Criteria
Ac/Re
1
Solder Heat
TEMP : 260℃ ± 5 ℃
5 SEC
76 PCS
0/1
H : +85℃ 30min
2
Temperature Cycle
∫ 5 min
50 CYCLE
76 PCS
0/1
L : -55℃ 30min
H : +100℃ 5min
3
Thermal Shock
∫ 10 sec
50 CYCLE
76 PCS
0/1
L : -10℃ 5min
4
High Temperature Storage
TEMP : 100℃
1000 HRS
76 PCS
0/1
5
Low Temperature Storage
TEMP : -55℃
1000 HRS
76 PCS
0/1
6
DC Operating Life
IF = 10 mA
1000 HRS
76 PCS
0/1
7
High Temperature / High
Humidity
85℃/85% RH
1000 HRS
76 PCS
0/1
Note: Ivt:The test Iv value of the chip before the reliablility test
Iv:The test value of the chip that has completed the reliablility test
U:Upper Specification Limit
L: Lower Specification Limit
http : //www.everlight.com
Rev. : 1
Page: 5 of 6
Device Number :CDDS-515-023
Prepared date:2007/5/7
Prepared by: YanLi Zhong
Iv≦Ivt*0.5
or
Vf≧U
or
Vf≦L
EVERLIGHT ELECTRONICS CO.,LTD.


Similar Part No. - ELS-515USOWA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELS-515EWA ETC-ELS-515EWA Datasheet
139Kb / 5P
   0.52 SINGLE DIGIT DISPLAYS
logo
Everlight Electronics C...
ELS-515SURWA EVERLIGHT-ELS-515SURWA Datasheet
121Kb / 7P
   0.52 Single Digit Displays
ELS-515SURWA/S530-A3 EVERLIGHT-ELS-515SURWA/S530-A3 Datasheet
121Kb / 7P
   0.52 Single Digit Displays
ELS-515SYGWA EVERLIGHT-ELS-515SYGWA Datasheet
110Kb / 6P
   0.52 Single Digit Displays
ELS-515SYGWA/S530-E2 EVERLIGHT-ELS-515SYGWA/S530-E2 Datasheet
110Kb / 6P
   0.52 Single Digit Displays
More results

Similar Description - ELS-515USOWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-515SURWA EVERLIGHT-ELS-515SURWA Datasheet
121Kb / 7P
   0.52 Single Digit Displays
ELS-516SURWA EVERLIGHT-ELS-516SURWA Datasheet
123Kb / 7P
   0.52 Single Digit Displays
logo
List of Unclassifed Man...
S515EWA ETC-S515EWA Datasheet
139Kb / 5P
   0.52 SINGLE DIGIT DISPLAYS
logo
Everlight Electronics C...
ELS-515SYGWA EVERLIGHT-ELS-515SYGWA Datasheet
110Kb / 6P
   0.52 Single Digit Displays
ELS-516SYGWA EVERLIGHT-ELS-516SYGWA Datasheet
112Kb / 6P
   0.52 Single Digit Displays
ELS-516USOWA EVERLIGHT-ELS-516USOWA Datasheet
114Kb / 6P
   0.52 Single Digit Displays
FND5910 EVERLIGHT-FND5910 Datasheet
199Kb / 5P
   0.52 Dual Digit Displays
logo
Unity Opto Technology
UVS-54XA UOT-UVS-54XA Datasheet
66Kb / 5P
   0.52 inch ( 13.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
PARA LIGHT ELECTRONICS ...
C-521SR PARALIGHT-C-521SR Datasheet
147Kb / 10P
   0.52 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-516B7 CHINASEMI-CSS-516B7 Datasheet
185Kb / 6P
   0.52 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com