Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





ISPLSI1016 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part No. ISPLSI1016
Description  In-System Programmable High Density PLD
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 
 4 page
background image
Specifications ispLSI 1016
4
Switching Test Conditions
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Time
≤ 3ns 10% to 90%
Input Timing Reference Levels
1.5V
Output Timing Reference Levels
1.5V
Output Load
See figure 2
3-state levels are measured 0.5V from steady-state
active level.
Table 2- 0003
Output Load Conditions (see figure 2)
Test Condition
R1
R2
CL
A
470
390
35pF
B
Active High
390
35pF
Active Low
470
390
35pF
Active High to Z
390
5pF
Cat V
OH - 0.5V
Active Low to Z
470
390
5pF
at V
OL + 0.5V
Table 2- 0004A
Figure 2. Test Load
+ 5V
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
DC Electrical Characteristics
Over Recommended Operating Conditions
0.4
-10
10
-150
-150
-200
150
170
VOL
VOH
IIL
IIH
IIL-isp
IIL-PU
IOS1
ICC2,4
I
OL =8 mA
I
OH =-4 mA
0V
≤ V
IN ≤ VIL (MAX.)
3.5V
≤ V
IN ≤ VCC
0V
≤ V
IN ≤ VIL (MAX.)
0V
≤ V
IN ≤ VIL
V
CC = 5V, VOUT = 0.5V
V
IL = 0.5V, VIH = 3.0V
Commercial
f
TOGGLE = 1 MHz
Industrial/Military
100
100
2.4
CONDITION
PARAMETER
SYMBOL
MIN.
MAX.
Output Low Voltage
Output High Voltage
Input or I/O Low Leakage Current
Input or I/O High Leakage Current
isp Input Low Leakage Current
I/O Active Pull-Up Current
Output Short Circuit Current
Operating Power Supply Current
UNITS
TYP.3
V
V
µA
µA
µA
µA
mA
mA
mA
1. One output at a time for a maximum duration of one second. V
out = 0.5V was selected to avoid test problems by tester ground
degradation. Characterized but not 100% tested.
2. Measured using four 16-bit counters.
3. Typical values are at V
CC = 5V and TA = 25
oC.
4. Maximum I
CC varies widely with specific device configuration and operating frequency. Refer to the Power Consumption sec-
tion of this datasheet and Thermal Management section of the Lattice Semiconductor Data Book or CD-ROM to estimate maximum
I
CC.
Table 2-0007A-16 w/mil




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3448In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016EA_07In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
LC4032C3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs 1 2 3 4 5 MoreLattice Semiconductor
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
LTV-355THybrid substrates that require high density mounting Programmable controllers 1 2 3 4 5 MoreLite-On Technology Corporation
TLP521HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 ISOCOM COMPONENTS
ATMEGA64_068-bit Microcontroller with 64K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA164P_078-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA48V_068-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl