Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHO4900 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLHO4900
Description  High Efficiency LED in ∅ 3 mm Clear Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHO4900 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLHO4900 Datasheet HTML 1Page - Vishay Siliconix TLHO4900 Datasheet HTML 2Page - Vishay Siliconix TLHO4900 Datasheet HTML 3Page - Vishay Siliconix TLHO4900 Datasheet HTML 4Page - Vishay Siliconix TLHO4900 Datasheet HTML 5Page - Vishay Siliconix TLHO4900 Datasheet HTML 6Page - Vishay Siliconix TLHO4900 Datasheet HTML 7Page - Vishay Siliconix TLHO4900 Datasheet HTML 8Page - Vishay Siliconix TLHO4900 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number 83009
Rev. 1.5, 31-Aug-04
VISHAY
TLHG / O / P / R / Y4900
Vishay Semiconductors
Figure 3. Forward Current vs. Pulse Length
Figure 4. Rel. Luminous Intensity vs. Angular Displacement
Figure 5. Forward Current vs. Forward Voltage
0.02
0.05
0.1
0.2
1
0.5
ı
t p/T= 0.01
Tamb
65
°C
0.01
0.1
1
10
1
10
100
1000
10000
t p - Pulse Length ( ms )
100
95 10047
0.4
0.2
0
0.2
0.4
0.6
95 10044
0.6
0.9
0.8
0°°°
30°
10
20
40°
50°
60°
70°
80°
0.7
1.0
Red
t p /T = 0.001
t p =10 µs
0.1
1
10
100
1000
95 10026
VF - Forward Voltage(V)
10
8
6
4
2
0
Figure 6. Rel. Luminous Intensity vs. Ambient Temperature
Figure 7. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
Figure 8. Relative Luminous Intensity vs. Forward Current
0
0
0.4
0.8
1.2
1.6
95 10027
20
40
60
80
100
Tamb - Ambient Temperature ( °C)
IF =10mA
Red
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10321
500
0.5
0.2
0.1
0.05
0.02
1
IF (mA)
tp/T
2.0
Red
0.01
0.1
1
10
IF - Forward Current ( mA )
100
10
95 10029
Red
1


Similar Part No. - TLHO4900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHO4900 VISHAY-TLHO4900 Datasheet
117Kb / 10P
   High Efficiency LED in 3 mm Clear Package
Rev. A2, 04-Feb-99
More results

Similar Description - TLHO4900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR4900 VISHAY-TLHR4900 Datasheet
117Kb / 10P
   High Efficiency LED in 3 mm Clear Package
Rev. A2, 04-Feb-99
TLHG4900 VISHAY-TLHG4900_V01 Datasheet
123Kb / 7P
   High Efficiency LED in 횠 3 mm Clear Package
01-Jan-2022
TLHY4900 VISHAY-TLHY4900_V02 Datasheet
123Kb / 7P
   High Efficiency LED in Ø 3 mm Clear Package
01-Jan-2023
TLHF4900 VISHAY-TLHF4900 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Clear Package
Rev. A2, 04-Feb-99
TLHE4900 VISHAY-TLHE4900_04 Datasheet
170Kb / 6P
   High Intensity LED in ∅ 3 mm Clear Package
Rev. 1.5, 30-Aug-04
TLHE4900 VISHAY-TLHE4900 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Clear Package
Rev. A2, 04-Feb-99
TLDR4900 VISHAY-TLDR4900 Datasheet
74Kb / 5P
   High Intensity LED in 3 mm Clear Package
Rev. A1, 04-Feb-99
TLHE4900 VISHAY-TLHE4900_V01 Datasheet
111Kb / 5P
   High Intensity LED in ??3 mm Clear Package
18-Jul-08
TLHK4900 VISHAY-TLHK4900 Datasheet
70Kb / 5P
   High Intensity LED in 3 mm Clear Package
Rev. A2, 04-Feb-99
TLHK4900 VISHAY-TLHK4900_V01 Datasheet
111Kb / 5P
   High Intensity LED in ??3 mm Clear Package
18-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com