Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM12S-9-30.0K Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SM12S-9-30.0K
Description  Low Frequency Crystal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM12S-9-30.0K Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SM12S-9-30.0K Datasheet HTML 1Page - List of Unclassifed Manufacturers SM12S-9-30.0K Datasheet HTML 2Page - List of Unclassifed Manufacturers SM12S-9-30.0K Datasheet HTML 3Page - List of Unclassifed Manufacturers SM12S-9-30.0K Datasheet HTML 4Page - List of Unclassifed Manufacturers SM12S-9-30.0K Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SM12S Series
Low Frequency Crystal
October 2005
www.pletronics.com
425-776-1880
3
Mechanical:
Inches
mm
A
0.072 +
_ 0.008
1.82 +
_ 0.2
B
0.195 +
_ 0.008
4.95 +
_ 0.2
C
0.037 max
0.95 max
D
1
0.004
0.1
E
1
0.063
1.6
F
1
0.004
0.1
G
1
0.031
0.8
H
1
0.124
3.15
Contacts :
Gold 11.8 µinches
0.3 µm minimum over
Nickel 50 to 350 µinches
1.27 to 8.89 µm
Not to Scale
1 Typical dimensions
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII
Part Marking:
• Marking consists of a manufacturing date code
• Orientation of marking may be mixed on the tape
• Traceability of part’s specification is lost once removed from reel
Layout and application information
• Trace lengths to the crystal should be kept as short as possible.
• The crystal connections are sensitive to noise.


Similar Part No. - SM12S-9-30.0K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM12S-9 PLETRONICS-SM12S-9 Datasheet
109Kb / 5P
   SM12S Series Low Frequency Crystal
More results

Similar Description - SM12S-9-30.0K

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
HC-51U QUARTZCOM-HC-51U Datasheet
94Kb / 1P
   Metal packaged low frequency Crystal Low frequency
logo
List of Unclassifed Man...
MX1V ETC1-MX1V Datasheet
57Kb / 1P
   Low Frequency Cylindrical Crystal
logo
Golledge Electronics Lt...
GSX-250 GOLLEDGE-GSX-250 Datasheet
55Kb / 1P
   SM Crystal LOW FREQUENCY
CC4V-T1A GOLLEDGE-CC4V-T1A Datasheet
539Kb / 4P
   Low Frequency SM Crystal
CC5V-T1A GOLLEDGE-CC5V-T1A Datasheet
553Kb / 4P
   Low Frequency SM Crystal
MX1V-T GOLLEDGE-MX1V-T Datasheet
58Kb / 1P
   Low Frequency Cylindrical Crystal
GSX-455 GOLLEDGE-GSX-455 Datasheet
60Kb / 1P
   SM Crystal LOW FREQUENCY
GSX-250 GOLLEDGE-GSX-250_18 Datasheet
571Kb / 4P
   SM Crystal Low Frequency
logo
Abracon Corporation
ABSM8 ABRACON-ABSM8 Datasheet
111Kb / 1P
   LOW FREQUENCY SMD CRYSTAL
logo
Pletronics, Inc.
SM12S-9 PLETRONICS-SM12S-9 Datasheet
109Kb / 5P
   SM12S Series Low Frequency Crystal
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com