Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA40012 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SA40012
Description  Single Axis CMOS Signal Conditioning Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SA40012 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SA40012 Datasheet HTML 1Page - HY ELECTRONIC CORP. SA40012 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SA40012 – Single Axis CMOS Signal Conditioning Module
SPECTRON SYSTEMS TECHNOLOGY INC.
595 OLD WILLETS PATH
HAUPPAUGE NY 11788
PHONE: 631 582-5600
FAX: 631 582-5671
Specifications are subject to change without notice!
Doc.# SDS-107-1703
The
SA40012 Single Axis CMOS Signal Conditioning Module is a DC input/output operated device, which operates off a
single ended supply, and provides a bipolar DC output. Specifically designed to interface directly with all Spectron Single Axis
Tilt Sensors, this low power consumption conditioner is ideal for battery driven applications. Featuring a PC board mountable
design, the module internally converts the DC input voltage into an AC excitation voltage for the sensor, and demodulates the
sensor output into a smooth amplified DC output voltage. Incorporating a proprietary signal processing algorithm, and an
external temperature compensation sensor (optional), normal measurement errors are severely reduced. The
SA40012 also
features overload protection, and is 100% reliability tested to provide the highest quality available.
General Specifications
Input voltage ...………………………........+5Vdc to +15Vdc
Input current ........………………………... 0.5mA @ +5Vdc, 0.9mA @ +15Vdc
Sensor excitation ..……………………..... 380 mV pp, square wave
Input impedance .……………………....... 5 megohms
Output .......……………………………..... +/-1.5Vdc @+6Vdc supply, referenced to Vref
Note; minimum output = 50mVdc + (supply voltage . 1.5Vdc)
Load ......……………………………...…... 100k ohm minimum
Time constant .......…………………….... 30 msec
Offset adjustment .…………………….... +/-45 mVdc
Output ripple .....……………………….... 0.35% of output voltage (RG 24k ohm)
Temperature coefficients (module w/out sensor)
- Null ......………....... 100 microvolts / C
o (typical)
- Scale ...………....... 0.02% / C
o @ +1Vdc output
Output short duration ……………......... Continuous (Vout and Vref)
Temperature range
- Operating .……… . -20 to +70C
o
- Storage ...………... -40 to +80C
o
Temperature Compensation
- Temperature compensation of the assembly (module and sensor) can be accomplished using an external silicon
temperature sensor (KTY81-120) and a resistor (.RT., see wiring diagram for typical values). With this configuration, it is
possible to reduce the scale temperature coefficient error from a 0.3%/C
o (nominal), to 0.03%/Co (nominal). Please see
wiring diagram for connection points.
Dimensions


Similar Part No. - SA40012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA40011 ETC1-SA40011 Datasheet
394Kb / 2P
   Dual Axis Signal Conditioning Module
More results

Similar Description - SA40012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA40011 ETC1-SA40011 Datasheet
394Kb / 2P
   Dual Axis Signal Conditioning Module
logo
Analog Devices
5B32 AD-5B32 Datasheet
674Kb / 8P
   Single-Channel Signal Conditioning Module
REV. 0
5B32 AD-5B32_15 Datasheet
675Kb / 8P
   Single-Channel Signal Conditioning Module
REV. 0
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
TS107HL-F-2.5 MORNSUN-TS107HL-F-2.5 Datasheet
902Kb / 5P
   Signal conditioning module
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
   LVDT/RVDT Signal Conditioning Module
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com