Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72361 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
Download  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 1 Page - STMicroelectronics

  ST72361 Datasheet HTML 1Page - STMicroelectronics ST72361 Datasheet HTML 2Page - STMicroelectronics ST72361 Datasheet HTML 3Page - STMicroelectronics ST72361 Datasheet HTML 4Page - STMicroelectronics ST72361 Datasheet HTML 5Page - STMicroelectronics ST72361 Datasheet HTML 6Page - STMicroelectronics ST72361 Datasheet HTML 7Page - STMicroelectronics ST72361 Datasheet HTML 8Page - STMicroelectronics ST72361 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 224 page
background image
June 2007
1/224
Rev. 3
ST72361
8-bit MCU with Flash or ROM,
10-bit ADC, 5 timers, SPI, 2x LINSCI
Features
Memories
– 16K to 60K High Density Flash (HDFlash) or
ROM with read-out protection capability. In-
Application Programming and In-Circuit Pro-
gramming for HDFlash devices
– 1.5 to 2K RAM
– HDFlash endurance: 100 cycles, data reten-
tion 40 years at 85°C
Clock, Reset and Supply Management
– Low power crystal/ceramic resonator oscilla-
tors and bypass for external clock
– PLL for 2x frequency multiplication
– 5 power saving modes: Halt, Auto Wake Up
From Halt, Active Halt, Wait and Slow
Interrupt Management
– Nested interrupt controller
– 14 interrupt vectors plus TRAP and RESET
– TLI top level interrupt (on 64-pin devices)
– Up to 21 external interrupt lines (on 4 vectors)
Up to 48 I/O Ports
– Up to 48 multifunctional bidirectional I/O lines
– Up to 36 alternate function lines
– Up to 6 high sink outputs
5 Timers
– 16-bit timer with 2 input captures, 2 output
compares, external clock input, PWM and
pulse generator modes
– 8-bit timer with 1 or 2 input captures, 1 or 2
output compares, PWM and pulse generator
modes
– 8-bit PWM auto-reload timer with 1 or 2 input
captures, 2 or 4 independent PWM output
channels, output compare and time base in-
terrupt, external clock with event detector
– Main clock controller with real-time base and
clock output
– Window watchdog timer
Up to 3 Communications Interfaces
– SPI synchronous serial interface
– Master/slave LINSCI
™ asynchronous serial
interface
– Master-only LINSCI
™ asynchronous serial in-
terface
Analog Peripheral (Low Current Coupling)
– 10-bit A/D converter with up to 16 inputs
– Up to 9 robust ports (low current coupling)
Instruction Set
– 8-bit data manipulation
– 63 basic instructions
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
Development Tools
– Full hardware/software development package
Table 1. Device Summary
LQFP32
7x7mm
LQFP44
10x10mm
LQFP64
10x10mm
Features
ST72361(AR/J/K)9
ST72361(AR/J/K)7
ST72361(AR/J/K)6
Program memory - bytes
60K
48K
32K
RAM (stack) - bytes
2K (256)
2K (256)
1.5K (256)
Operating Supply
4.5V to 5.5V
CPU Frequency
External Resonator Osc. w/ PLLx2/8 MHz
Max. Temp. Range
-40°C to +125°C
Packages
LQFP64 10x10mm (AR), LQFP44 10x10mm (J), LQFP32 7x7mm (K)
1


Similar Part No. - ST72361

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
ST72361AR4-Auto STMICROELECTRONICS-ST72361AR4-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
ST72361AR6-Auto STMICROELECTRONICS-ST72361AR6-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
ST72361AR7-Auto STMICROELECTRONICS-ST72361AR7-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
ST72361AR9-Auto STMICROELECTRONICS-ST72361AR9-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
More results

Similar Description - ST72361

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
ST72561 STMICROELECTRONICS-ST72561 Datasheet
3Mb / 262P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
ST7MC1XX STMICROELECTRONICS-ST7MC1XX Datasheet
4Mb / 309P
   8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
ST7LITE3 STMICROELECTRONICS-ST7LITE3 Datasheet
3Mb / 167P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
ST7LITE3XF2 STMICROELECTRONICS-ST7LITE3XF2 Datasheet
2Mb / 173P
   8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com