Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELS-2326SYGWA Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELS-2326SYGWA
Description  2.3 Single Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-2326SYGWA Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELS-2326SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-2326SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-2326SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-2326SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-2326SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELS-2326SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
2.3" Single Digit Displays
ELS-2326SYGWA/S530-E2
█ Absolute maximum ratings at Ta = 25℃:
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature *
Tsol
260 ± 5
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Note: *Soldering time ≦ 5 seconds.
█ Electronic optical characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
----
2.5
----
mcd
IF=2mA
Luminous
5.6
12.5
----
mcd
IF=10mA
----
0.7
----
mcd
IF=2mA
1.4
3.0
----
mcd
IF=10mA
Peak Wavelength
λp
----
575
----
nm
IF=20mA
Dominant Wavelength
λd
----
573
----
nm
IF=20mA
△λ
----
20
----
nm
IF=20mA
Per segment
VF
----
8.0
9.6
V
IF=20mA
Per decimal point
VF
-----
4.0
4.8
V
IF=20mA
Reverse Current
IR
----
----
100
μA
VR=5V
EVERLIGHT ELECTRONICS CO.,LTD. http : //www.everlight.com
Rev. : 1
Page: 3 of 6
Device Number :CDDS-232-032
Prepared date:2007/4/27
Prepared by: YanLi Zhong
Forward
Voltage
Iv
Spectrum Radiation
Bandwidth
Intensity
Per segment
Per decimal point


Similar Part No. - ELS-2326SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-2326SYGWA-S530-E2 EVERLIGHT-ELS-2326SYGWA-S530-E2 Datasheet
120Kb / 6P
   2.3" Single Digit Displays
More results

Similar Description - ELS-2326SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-2326UBWA-C470 EVERLIGHT-ELS-2326UBWA-C470 Datasheet
131Kb / 7P
   2.3" Single Digit Displays
ELS-2326SYGWA-S530-E2 EVERLIGHT-ELS-2326SYGWA-S530-E2 Datasheet
120Kb / 6P
   2.3" Single Digit Displays
S2325SYGWA-S530-E2 EVERLIGHT-S2325SYGWA-S530-E2 Datasheet
124Kb / 6P
   Technical Data Sheet 2.3" Single Digit Displays
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Everlight Electronics C...
ELS-4006USOWA EVERLIGHT-ELS-4006USOWA Datasheet
123Kb / 6P
   4.0 Single Digit Displays
logo
List of Unclassifed Man...
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Everlight Electronics C...
ELS-2326USOWA EVERLIGHT-ELS-2326USOWA Datasheet
121Kb / 6P
   2.24 Single Digit Displays
ELS-315SURWA-S530-A3 EVERLIGHT-ELS-315SURWA-S530-A3 Datasheet
125Kb / 7P
   0.36" Single Digit Displays
ELS-322UBWA-C470 EVERLIGHT-ELS-322UBWA-C470 Datasheet
139Kb / 6P
   0.3" Single Digit Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com