Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F192PC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F192PC
Description  Up/Down Decade Counter with Separate Up/Down Clocks
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F192PC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F192PC Datasheet HTML 1Page - Fairchild Semiconductor 74F192PC Datasheet HTML 2Page - Fairchild Semiconductor 74F192PC Datasheet HTML 3Page - Fairchild Semiconductor 74F192PC Datasheet HTML 4Page - Fairchild Semiconductor 74F192PC Datasheet HTML 5Page - Fairchild Semiconductor 74F192PC Datasheet HTML 6Page - Fairchild Semiconductor 74F192PC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009496
www.fairchildsemi.com
April 1988
Revised September 2000
74F192
Up/Down Decade Counter
with Separate Up/Down Clocks
General Description
The 74F192 is an up/down BCD decade (8421) counter.
Separate Count Up and Count Down Clocks are used, and
in either counting mode the circuits operate synchronously.
The
outputs
change
state
synchronously
with
the
LOW-to-HIGH transitions on the clock inputs.
Separate Terminal Count Up and Terminal Count Down
outputs are used as the clocks for a subsequent stage
without extra logic, thus simplifying multistage counter
designs. Individual preset inputs allow the circuit to be used
as a programmable counter. Both the Parallel Load (PL)
and the Master Reset (MR) inputs asynchronously override
the clocks.
Features
s Guaranteed 4000V minimum ESD protection
Ordering Code:
Note 1: Device not available in Tape and Reel.
Logic Symbols
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74F192SJ
(Note 1)
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F192PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Similar Part No. - 74F192PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F192PC NSC-74F192PC Datasheet
193Kb / 10P
   Up/Down Decade Counter with Separate Up/Down Clocks
logo
Fairchild Semiconductor
74F192PC FAIRCHILD-74F192PC Datasheet
65Kb / 7P
   Up/Down Decade Counter with Separate Up/Down Clocks
More results

Similar Description - 74F192PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F192 FAIRCHILD-74F192 Datasheet
65Kb / 7P
   Up/Down Decade Counter with Separate Up/Down Clocks
logo
National Semiconductor ...
54F192DM NSC-54F192DM Datasheet
193Kb / 10P
   Up/Down Decade Counter with Separate Up/Down Clocks
54LS192 NSC-54LS192 Datasheet
172Kb / 8P
   54LS192/DM74LS192 Up/Down Decade Counter with Separate Up/Down Clocks
54F193DM NSC-54F193DM Datasheet
191Kb / 10P
   Up/Down Binary Counter with Separate Up/Down Clocks
logo
Fairchild Semiconductor
74F193 FAIRCHILD-74F193 Datasheet
97Kb / 8P
   Up/Down Binary Counter with Separate Up/Down Clocks
logo
NXP Semiconductors
74F193 PHILIPS-74F193 Datasheet
104Kb / 12P
   Up/down binary counter with separate up/down clocks
1995 Jul 17
logo
Fairchild Semiconductor
4510B FAIRCHILD-4510B Datasheet
184Kb / 4P
   UP/DOWN DECADE COUNTER
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
   SYNCHRONOUS UP/DOWN DECADE COUNTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com