Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEZ1414-4E Datasheet(PDF) 9 Page - NEC

Part # NEZ1414-4E
Description  4W X, Ku-BAND POWER GaAs MESFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NEZ1414-4E Datasheet(HTML) 9 Page - NEC

Back Button NEZ1414-4E Datasheet HTML 4Page - NEC NEZ1414-4E Datasheet HTML 5Page - NEC NEZ1414-4E Datasheet HTML 6Page - NEC NEZ1414-4E Datasheet HTML 7Page - NEC NEZ1414-4E Datasheet HTML 8Page - NEC NEZ1414-4E Datasheet HTML 9Page - NEC NEZ1414-4E Datasheet HTML 10Page - NEC NEZ1414-4E Datasheet HTML 11Page - NEC NEZ1414-4E Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
NEZ1011-4E, NEZ1414-4E
PACKAGE DIMENSIONS (UNIT: mm)
13 ±0.1
9 ±0.3
Drain
Source
2.74 ±0.1
R 0.65
0.2 MAX.
16.5 ±0.13
8.25 ±0.15
Gate
9.7 ±0.13
3.0 ±0.2
1.8 ±0.1


Similar Part No. - NEZ1414-4E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NEZ1414-4E RENESAS-NEZ1414-4E Datasheet
198Kb / 14P
   N-CHANNEL GaAs MESFET
1998
More results

Similar Description - NEZ1414-4E

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ1011-2E NEC-NEZ1011-2E Datasheet
81Kb / 12P
   2W X, Ku-BAND POWER GaAs MESFET
NEZ1011-8E NEC-NEZ1011-8E Datasheet
82Kb / 12P
   8W X, Ku-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
logo
NEC
NE960R275 NEC-NE960R275_01 Datasheet
29Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
NE9000 NEC-NE9000 Datasheet
71Kb / 5P
   Ku-BAND MEDIUM POWER GaAs MESFET
NE13700 NEC-NE13700 Datasheet
194Kb / 5P
   LOW NOISE KU-BAND GAAS MESFET
NE710 NEC-NE710 Datasheet
279Kb / 7P
   LOW NOISE Ku-K BAND GaAs MESFET
NE760 NEC-NE760 Datasheet
276Kb / 7P
   LOW NOISE KU-K BAND GAAS MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com