Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS854054AGLFT Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS854054AGLFT
Description  DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS854054AGLFT Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS854054AGLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 9Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 10Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
854054AG
www.icst.com/products/hiperclocks.html
REV. A MARCH 29, 2006
7
Integrated
Circuit
Systems, Inc.
ICS854054
4:1
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
APPLICATION INFORMATION
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
Figure 1 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = V
DD/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio
FIGURE 1. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
of R1 and R2 might need to be adjusted to position the V_REF in
the center of the input voltage swing. For example, if the input
clock swing is only 2.5V and V
DD= 3.3V, V_REF should be 1.25V
and R2/R1 = 0.609.
VDD
R2
1K
V_REF
C1
0.1u
R1
1K
Single Ended Clock Input
PCLK
nPCLK
INPUTS:
PCLK/nPCLK INPUT:
For applications not requiring the use of a differential input, both
the PCLK and nPCLK pins can be left floating. Though not
required, but for additional protection, a 1k
Ω resister can be tied
from PCLK to ground.
SELECT PINS:
All select pins have internal pull-ups and pull-downs;
additional resistance is not required but can be added for
additional protection. A 1k
Ω resister can be used.
RECOMMENDATIONS FOR UNUSED INPUT PINS


Similar Part No. - ICS854054AGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS854057 ICST-ICS854057 Datasheet
256Kb / 13P
   4:1 OR 2:1 LVDS CLOCK MULTIPLEXER WITH INTERNAL INPUT TERMINATION
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
ICS854058AG ICST-ICS854058AG Datasheet
174Kb / 12P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
More results

Similar Description - ICS854054AGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
logo
Renesas Technology Corp
ICS854S054I RENESAS-ICS854S054I Datasheet
1Mb / 15P
   4:1 Differential-to-LVDS Clock Multiplexer
2019
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
   8:1 Differential-to-LVDS Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS85454-01 ICST-ICS85454-01 Datasheet
199Kb / 15P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS85401 ICST-ICS85401 Datasheet
223Kb / 11P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
logo
Renesas Technology Corp
ICS859S0424I RENESAS-ICS859S0424I Datasheet
1Mb / 25P
   4:4 Differential-to-LVPECL/LVDS Clock Multiplexer
OCTOBER 12, 2011
ICS859S0412I RENESAS-ICS859S0412I Datasheet
1Mb / 24P
   4:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
ICS859S0212I RENESAS-ICS859S0212I Datasheet
1Mb / 24P
   2:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
   2:1 Differential-to-LVDS Multiplexer
September 29, 2022
logo
Integrated Device Techn...
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
   2:1 Differential-to-LVDS Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com