Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC137 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HC137
Description  3 TO 8 LINE DECODER/LATCH INVERTING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC137 Datasheet(HTML) 3 Page - STMicroelectronics

  M74HC137 Datasheet HTML 1Page - STMicroelectronics M74HC137 Datasheet HTML 2Page - STMicroelectronics M74HC137 Datasheet HTML 3Page - STMicroelectronics M74HC137 Datasheet HTML 4Page - STMicroelectronics M74HC137 Datasheet HTML 5Page - STMicroelectronics M74HC137 Datasheet HTML 6Page - STMicroelectronics M74HC137 Datasheet HTML 7Page - STMicroelectronics M74HC137 Datasheet HTML 8Page - STMicroelectronics M74HC137 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1, 2, 3
A to C
Data Inputs
4
GL
Latch Enable Input (Active LOW)
5
G2
Data Enable Input (Active LOW)
6
G1
Data Enable Input (Active HIGH)
15, 14, 13, 12, 11, 10, 9, 7
Y0 to Y7
Multiplexer Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
IEC LOGIC SYMBOLS
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Source Sink Current Per Output Pin
± 25
mA
ICC or IGND
DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500 (*)
mW
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
(*) 500 mW:
≅ 65 oC derate to 300 mW by 10mW/oC: 65 oCto 85 oC
M54/M74HC137
3/11


Similar Part No. - M74HC137

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC131 STMICROELECTRONICS-M74HC131 Datasheet
262Kb / 12P
   3 TO 8 LINE DECODER/LATCH
M74HC131B1R STMICROELECTRONICS-M74HC131B1R Datasheet
262Kb / 12P
   3 TO 8 LINE DECODER/LATCH
M74HC131C1R STMICROELECTRONICS-M74HC131C1R Datasheet
262Kb / 12P
   3 TO 8 LINE DECODER/LATCH
M74HC131M1R STMICROELECTRONICS-M74HC131M1R Datasheet
262Kb / 12P
   3 TO 8 LINE DECODER/LATCH
M74HC131RM13TR STMICROELECTRONICS-M74HC131RM13TR Datasheet
262Kb / 12P
   3 TO 8 LINE DECODER/LATCH
More results

Similar Description - M74HC137

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT137 STMICROELECTRONICS-M54HCT137 Datasheet
260Kb / 12P
   3 TO 8 LINE DECODER/LATCH INVERTING
M54HC137 STMICROELECTRONICS-M54HC137_04 Datasheet
224Kb / 10P
   RAD-HARD 3 TO 8 LINE DECODER/LATCH (INVERTING)
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
   3 TO 8 LINE DECODER INVERTING
April 2001
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
   3 TO 8 LINE DECODER (INVERTING)
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
   3 TO 8 LINE DECODER INVERTING
June 1999
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com