Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP122 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP122
Description  DisplayPort 1:2 Switch With Integrated TMDS Translator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP122 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75DP122 Datasheet HTML 2Page - Texas Instruments SN75DP122 Datasheet HTML 3Page - Texas Instruments SN75DP122 Datasheet HTML 4Page - Texas Instruments SN75DP122 Datasheet HTML 5Page - Texas Instruments SN75DP122 Datasheet HTML 6Page - Texas Instruments SN75DP122 Datasheet HTML 7Page - Texas Instruments SN75DP122 Datasheet HTML 8Page - Texas Instruments SN75DP122 Datasheet HTML 9Page - Texas Instruments SN75DP122 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
www.ti.com
DISSIPATION RATINGS
THERMAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
SN75DP122
SLLS892 – FEBRUARY 2008
PCB JEDEC
DERATING FACTOR(1)
TA = 85°C
PACKAGE
TA < 25°C
STANDARD
ABOVE TA = 25°C
POWER RATING
Low-K
3623 mW
36.23 mW/
°C
1449 mW
56-Pin QFN (RTQ)
High-K
1109 mW
11.03 mW/
°C
443.9 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX(1)
UNIT
Junction-to-board thermal
RθJB
4x4 Thermal vias under powerpad
11.03
°C/W
resistance
Junction-to-case thermal
RθJC
20.4
C/W
resistance
LP = 5 V, ML: VID = 600 mV, 2.7 Gbps PRBS;
Device power dissipation
PD(1)
AUX: VID = 500 mV, 1 Mbps PRBS;
250
305
mW
DisplayPort selected
HPD/CAD = 5 V; VDD
*1 = V
DD
LP = 5 V, ML: VID = 500 mV, 2.5 Gbps PRBS;
Device power dissipation TMDS
PD(2)
270
420
mW
I2C: VID = 3.3 V, 100 Kbps PRBS; HPD/CAD = 5
selected
V; VDD
*1 = V
DD
LP = 0 V, ML: VID = 600 mV, 2.7 Gbps PRBS;
Device power dissipation under
PSD
75
85
µW
AUX: VID = 500 mV, 1 Mbps PRBS; HPD/CAD =
low power
5 V; VDD
*1 = V
DD
(1)
The maximum rating is simulated under 5.25 V VDD.
MIN
NOM
MAX
UNIT
VDD
Supply voltage
4.5
5
5.25
V
VDD
*1
HPD and CAD output reference voltage
1.62
5.25
V
VCC
Supply voltage
3
3.3
3.6
V
TA
Operating free-air temperature
0
85
°C
MAIN LINK DIFFERENTIAL PINS
VID
Peak-to-peak input differential voltage
0.15
1.40
V
dR
Data rate
2.7
Gbps
Rt
Termination resistance
45
50
55
VOterm
Output termination voltage
0
2
V
TMDS DIFFERENTIAL OUTPUT PINS
AVCC
TMDS output termination voltage
3
3.3
3.6
V
dR
Data rate
2.5
Gbps
Rt
Termination resistance
45
50
55
AUXILIARY AND I2C PINS
VI
Input voltage
0
5.25
V
dR(AUX)
Auxiliary data rate
1
MHz
dR(I2C)
I2C data rate
100
kHz
HPD, CAD, AND CONTROL PINS
VIH
High-level input voltage
2
5.25
V
VIL
Low-level input voltage
0
0.8
V
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN75DP122


Similar Part No. - SN75DP122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122ARTQR TI1-SN75DP122ARTQR Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122ARTQT TI1-SN75DP122ARTQT Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122RTQR TI1-SN75DP122RTQR Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122RTQRG4 TI1-SN75DP122RTQRG4 Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
More results

Similar Description - SN75DP122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
[Old version datasheet]   DisplayPort??1:2 Re-Driver Switch with TMDS Translator
SN75DP129 TI-SN75DP129 Datasheet
881Kb / 28P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP139 TI-SN75DP139 Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
logo
Analog Devices
AD8194 AD-AD8194_15 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194ACPZ AD-AD8194ACPZ Datasheet
476Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8193 AD-AD8193 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193 AD-AD8193_15 Datasheet
464Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com