Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV573ATPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV573ATPWR
Description  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV573ATPWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV573ATPWR Datasheet HTML 1Page - Texas Instruments SN74LV573ATPWR Datasheet HTML 2Page - Texas Instruments SN74LV573ATPWR Datasheet HTML 3Page - Texas Instruments SN74LV573ATPWR Datasheet HTML 4Page - Texas Instruments SN74LV573ATPWR Datasheet HTML 5Page - Texas Instruments SN74LV573ATPWR Datasheet HTML 6Page - Texas Instruments SN74LV573ATPWR Datasheet HTML 7Page - Texas Instruments SN74LV573ATPWR Datasheet HTML 8Page - Texas Instruments SN74LV573ATPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
DB, DGV, DW, NS, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
1
20
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
1D
2D
3D
4D
5D
6D
7D
8D
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1D
2D
3D
4D
5D
6D
7D
8D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
LE
DESCRIPTION/ORDERING INFORMATION
SN74LV573AT
OCTAL TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCES574C – JUNE 2004 – REVISED AUGUST 2005
Inputs Are TTL-Voltage Compatible
I
off Supports Partial-Power-Down Mode
Operation
4.5-V to 5.5-V V
CC Operation
Latch-Up Performance Exceeds 250 mA Per
Typical t
pd = 5.1 ns at 5 V
JESD 17
Typical V
OLP (Output Ground Bounce)
ESD Protection Exceeds JESD 22
<0.8 V at V
CC = 5 V, TA = 25°C
– 2000-V Human-Body Model (A114-A)
Typical V
OHV (Output VOH Undershoot)
>2.3 V at V
CC = 5 V, TA = 25°C
– 200-V Machine Model (A115-A)
Supports Mixed-Mode Voltage Operation on
– 1000-V Charged-Device Model (C101)
All Ports
xxxxx
The SN74LV573AT is an octal transparent D-type latch. When the latch-enable (LE) input is high, the Q outputs
follow the data (D) inputs. When LE is low, the Q outputs are latched at the logic levels of the D inputs.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Tape and reel
SN74LV573ATRGYR
VV573
Tube
SN74LV573ATDW
SOIC – DW
LV573AT
Tape and reel
SN74LV573ATDWR
SOP – NS
Tape and reel
SN74LV573ATNSR
74LV573AT
–40
°C to 85°C
SSOP – DB
Tape and reel
SN74LV573ATDBR
LV573AT
Tube
SN74LV573ATPW
TSSOP – PW
LV573AT
Tape and reel
SN74LV573ATPWR
TVSOP – DGV
Tape and reel
SN74LV573ATDGVR
LV573AT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LV573ATPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV573A TI-SN74LV573A Datasheet
595Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LV573A TI-SN74LV573A Datasheet
856Kb / 21P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LV573A TI1-SN74LV573A Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LV573ADB TI-SN74LV573ADB Datasheet
595Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LV573ADBR TI-SN74LV573ADBR Datasheet
595Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV573ATPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com