Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23079-B1205-B301 Datasheet(PDF) 9 Page - Tyco Electronics

Part # V23079-B1205-B301
Description  P2 Relay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23079-B1205-B301 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button V23079-B1205-B301 Datasheet HTML 3Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 4Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 5Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 6Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 7Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 8Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 9Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 10Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Dimensions
SMT short terminals
V23079-G2xxx-X0xx
overmolded coil
mm
inch
L 14.5 ± 0.1 0.570 ± 0.004
W 7.2 -0.15
0.283 ± 0.004
H 9.9 ± 0.1
0.390 ± 0.004
T N/A
N/A
T1 5.52
0.217 ±0.006
T2 7.4 ±0.15 0.291 ±0.006
Tw 0.5 ± 0.05 0.020 ±0.002
S N/A
N/A
P2 Relay
V23079
P2 SMT S
SMT Version
Short terminals
Coil Data (values at 23°C)
Nominal
Operate/set voltage range
Release/
Nominal power
Resistance
Relay code
voltage
reset voltage
consumption
Unom
Minimum
Maximum
Minimum
voltage U
I
voltage U
II
Vdc
Vdc
Vdc
Vdc
mW
W / ± 10 %
non-latching
1 coil
V23079-
5
3.75
10.90
0.50
140
178
G2001-X071
6
4.50
13.00
0.60
140
257
G2002-X072
9
6.75
19.60
0.90
140
578
G2006-X073
12
9.00
26.15
1.20
140
1029
G2003-X074
This supplementary data sheet refers to the basic data sheet of the P2 relay series (V23079) with
following additions:
-
Dielectric strength 1500 V
rms between open contacts - as well as between coil and contacts and between
adjacent contact sets
-
Only non-latching types available
-
SMT version with short terminals as preferred type
-
mechanical and electrical endurance typ. 106 operations
Option: high dielectric between open contacts (overmolded coil)
V23079-G2001-X071
0-1422006-1
V23079-G2002-X072
0-1422006-2
V23079-G2006-X073
0-1422006-3
V23079-G2003-X074
0-1422006-4
Relay Code
Tyco
Part Number
Ordering Information
Note: Solder pad for pin 6 and 7
only for latching with 2 coils
Solder pad layout
9


Similar Part No. - V23079-B1205-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079-B1205-B301 MACOM-V23079-B1205-B301 Datasheet
1Mb / 14P
   P2 V23079 Relay
V23079-B1205-B301 MACOM-V23079-B1205-B301 Datasheet
2Mb / 7P
   P2 Relay V23079
V23079-B1205-B301 MACOM-V23079-B1205-B301 Datasheet
2Mb / 8P
   Signal Relays
V23079-B1205-B301 MACOM-V23079-B1205-B301 Datasheet
1Mb / 8P
   Signal Relays
More results

Similar Description - V23079-B1205-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079 MACOM-V23079_06 Datasheet
1Mb / 14P
   P2 V23079 Relay
V23079 MACOM-V23079_12 Datasheet
2Mb / 7P
   P2 Relay V23079
2-1393788-9 MACOM-2-1393788-9 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-0 MACOM-2-1393788-0 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-2 MACOM-2-1393788-2 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-4 MACOM-2-1393788-4 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
V23079D2001B301 MACOM-V23079D2001B301 Datasheet
22Kb / 1P
   P2- Relay SMT W Dimensions
V23079D2011B301 MACOM-V23079D2011B301 Datasheet
22Kb / 1P
   P2-Relay SMT W Dimensions
2-1393789-0 MACOM-2-1393789-0 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
2-1393789-2 MACOM-2-1393789-2 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com