Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T3D-CP2Q2TY Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # T3D-CP2Q2TY
Description  Chip LED (0.45mm Height)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

T3D-CP2Q2TY Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  T3D-CP2Q2TY Datasheet HTML 1Page - Everlight Electronics Co., Ltd T3D-CP2Q2TY Datasheet HTML 2Page - Everlight Electronics Co., Ltd T3D-CP2Q2TY Datasheet HTML 3Page - Everlight Electronics Co., Ltd T3D-CP2Q2TY Datasheet HTML 4Page - Everlight Electronics Co., Ltd T3D-CP2Q2TY Datasheet HTML 5Page - Everlight Electronics Co., Ltd T3D-CP2Q2TY Datasheet HTML 6Page - Everlight Electronics Co., Ltd T3D-CP2Q2TY Datasheet HTML 7Page - Everlight Electronics Co., Ltd T3D-CP2Q2TY Datasheet HTML 8Page - Everlight Electronics Co., Ltd T3D-CP2Q2TY Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
16-213/T3D-CP2Q2TY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 5 of 12
Device No. : DSE-163-T02
Prepared date: 18-Oct-2006
Prepared by: Esther Yan
Chromaticity Coordinates Specifications for Bin Grading
Group
Bin Code
CIE_x
CIE_y
Condition
0.274
0.226
0.274
0.258
0.294
0.286
1
0.294
0.254
0.274
0.258
0.274
0.291
0.294
0.319
2
0.294
0.286
0.294
0.254
0.294
0.286
0.314
0.315
3
0.314
0.282
0.294
0.286
0.294
0.319
0.314
0.347
C
4
0.314
0.315
IF= 5mA
Notes:
1.The C.I.E. 1931 chromaticity diagram ( Tolerance ±0.01 ).
2.The products are sensitive to static electricity and care must be fully taken when
handling products.


Similar Part No. - T3D-CP2Q2TY

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
T3D-AQ1R2TY EVERLIGHT-T3D-AQ1R2TY_13 Datasheet
352Kb / 10P
   The 16-216 SMD LED is much smaller than lead frame type components
T3D-AQ2R2TY EVERLIGHT-T3D-AQ2R2TY Datasheet
165Kb / 12P
   Chip LED (0.2mm Height)
More results

Similar Description - T3D-CP2Q2TY

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
16-213-BHC-ZL1M2QY-3T EVERLIGHT-16-213-BHC-ZL1M2QY-3T Datasheet
164Kb / 11P
   0402 Package Chip LED (0.45mm Height)
16-213-T7D-AQ1R1QY-3T EVERLIGHT-16-213-T7D-AQ1R1QY-3T_11 Datasheet
172Kb / 12P
   0402 Package Chip LED (0.45mm Height)
16-213-T7D-AQ1R1QY-3T EVERLIGHT-16-213-T7D-AQ1R1QY-3T Datasheet
195Kb / 12P
   0402 Package Chip LED (0.45mm Height)
16-213-BHC-AN1P2-3T EVERLIGHT-16-213-BHC-AN1P2-3T Datasheet
163Kb / 10P
   0402 Package Chip LED (0.45mm Height)
16-213-T3D-AP1Q2QY-3T EVERLIGHT-16-213-T3D-AP1Q2QY-3T Datasheet
180Kb / 12P
   0402 Package Chip LED (0.45mm Height)
16-213-GHC-YR1S1-3T EVERLIGHT-16-213-GHC-YR1S1-3T Datasheet
146Kb / 11P
   0402 Package Chip LED (0.45mm Height)
16-213-R6C-A2225VZ-3T EVERLIGHT-16-213-R6C-A2225VZ-3T Datasheet
163Kb / 11P
   0402 Package Chip LED (0.45mm Height)
16-213-BHC-AN1P2-3T EVERLIGHT-16-213-BHC-AN1P2-3T Datasheet
346Kb / 10P
   0402 Package Chip LED (0.45mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
16-213-BHC-AN1P2-3T TO-GRACE-16-213-BHC-AN1P2-3T Datasheet
787Kb / 11P
   0402 Package Chip LED (0.45mm Height)
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-RX45-XXXXX AVAGO-ASMT-RX45-XXXXX Datasheet
264Kb / 8P
   0.45mm Leadframe-Based Surface Mount ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com